Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC866408 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC866408
Description  8-Bit Single Chip Microcontroller with the UVEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866408 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC866408 Datasheet HTML 4Page - Sanyo Semicon Device LC866408 Datasheet HTML 5Page - Sanyo Semicon Device LC866408 Datasheet HTML 6Page - Sanyo Semicon Device LC866408 Datasheet HTML 7Page - Sanyo Semicon Device LC866408 Datasheet HTML 8Page - Sanyo Semicon Device LC866408 Datasheet HTML 9Page - Sanyo Semicon Device LC866408 Datasheet HTML 10Page - Sanyo Semicon Device LC866408 Datasheet HTML 11Page - Sanyo Semicon Device LC866408 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LC86E6449
No.6746-8/22
LC86E6449 Pin description
Pin name
I/O
Function description
Option
EPROM mode
VSS1,2
-
Power pin (-)
-
-
VDD1,2
-
Power pin (+)
*4
Refer to Notes
-
-
VP
-
Power pin (-) for the VFD output pull-down resist
-
-
PORT0
P00 to P07
I/O
•8-bit input/output port
•Input for port 0 interrupt
•Input/output in nibble units
•Input for HOLD release
•15V withstand at N-channel open drain
output
•Pull-up resistor :
Provided/Not provided
•Output form :
CMOS/N-channel open drain
-
PORT1
P10 to P17
I/O
•8-bit input/output port
•Input/output can be specified in a bit unit
•Other pin functions
P10 SIO0 data output
P11 SIO0 data input/bus input/output
P12 SIO0 clock input/output
P13 SIO1 data output
P14 SIO1 data input/bus input/output
P15 SIO1 clock input/output
P16 Buzzer output
P17 Timer 1 output (PWM0 output)
•Output form :
CMOS/N-channel open drain
Data line
D0 to D7
PORT3
P30 to P33
I/O
•4-bit input/output port
•Input/output can be specified
•15V withstand at N-channel open drain
output
•Output form :
CMOS/N-channel open drain
-
•6-bit input port
•Other functions
P70 : INT0 input/HOLD release input/
N-ch Tr. output for watchdog timer
P71 : INT1 input/HOLD release input
P72 : INT2 input/timer 0 event input
P73 : INT3 input with noise rejection
filter/timer 0 event input
P74 : XT1 terminal for 32.768kHz crystal
oscillation
P75 : XT2 terminal for 32.768kHz crystal
oscillation
•Interrupt received forms, the vector addresses
Pull-up resistor :
Provided/Not provided
(P70,71,72,73)
* P74 ,P75 don’t have pull-up
resistor option.
rising falling rising
&
falling
high
level
low
level
vector
INT0 enable enable disable enable enable
03H
INT1 enable enable disable enable enable 0BH
INT2 enable enable enable disable disable 13H
PORT7
P70
P71 to P75
I/O
I
INT3 enable enable enable disable disable 1BH
EPROM control
signals
DASEC (*1)
OE (*2)
‚bE (*3)
Continue.
CE


Similar Part No. - LC866408

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC866408 SANYO-LC866408 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC866408A SANYO-LC866408A Datasheet
2Mb / 22P
   8-Bit Single Chip Microcontroller???
LC866408A SANYO-LC866408A Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
LC866408B SANYO-LC866408B Datasheet
660Kb / 21P
   8-Bit Single Chip Microcontroller
More results

Similar Description - LC866408

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com