Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FW282 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # FW282
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW282 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  FW282 Datasheet HTML 1Page - Sanyo Semicon Device FW282 Datasheet HTML 2Page - Sanyo Semicon Device FW282 Datasheet HTML 3Page - Sanyo Semicon Device FW282 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FW282
No. A1549-4/4
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating
condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
Co.,Ltd. products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures
or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give
rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment,
adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but
are not limited to protective circuits and error prevention circuits for safe design, redundant design, and
structural design.
Upon using the technical information or products described herein, neither warranty nor license shall be
granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any
third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third
party's intellectual property rights which has resulted from the use of the technical information and products
mentioned above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or
otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd.
PS
This catalog provides information as of September, 2009. Specifications and information herein are subject
to change without notice.
Note on usage : Since the FW282 is a MOSFET product, please avoid using this device in the vicinity
of highly charged objects.
Ambient Temperature, Ta --
°C
PD -- Ta
A S O
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
VGS -- Qg
IT14981
IT14980
01234
6
8
579
10
0
1
2
3
4
5
6
7
10
9
8
IT14979
VDS=20V
ID=6A
0.01
0.1
1.0
23
5 7
23
5 7
23
5 7
23
5
10
7
0.01
0.1
1.0
10
7
5
3
2
7
5
3
2
7
5
3
2
5
3
2
IDP=24A
ID=6A
100ms
1ms
10ms
10s
100
μs
Operation in this
area is limited by RDS(on).
0
20
40
60
80
100
120
140
160
0
0.6
0.8
0.2
0.4
1.0
1.6
1.4
1.2
1.8
2.6
2.0
2.2
2.4
1unit
DC
operation
(T
a=25
°C
)
Ta=25
°C
Single pulse
When mounted on ceramic substrate(2000mm2
×0.8mm)
PW
≤10μs
When mounted on ceramic substrate
(2000mm2
×0.8mm), PW≤10s
Total
dissipation


Similar Part No. - FW282

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
FW2 SWITCH-FW2 Datasheet
875Kb / 4P
   EH Series Audio/Video/Data CONNECTORS
logo
List of Unclassifed Man...
FW2014-050E ETC-FW2014-050E Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
FW2014-060E ETC-FW2014-060E Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
FW2014-090E ETC-FW2014-090E Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
FW2014-120E ETC-FW2014-120E Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
More results

Similar Description - FW282

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com