Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC866416 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC866416
Description  8-Bit Single Chip Microcontroller with the UVEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866416 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC866416 Datasheet HTML 7Page - Sanyo Semicon Device LC866416 Datasheet HTML 8Page - Sanyo Semicon Device LC866416 Datasheet HTML 9Page - Sanyo Semicon Device LC866416 Datasheet HTML 10Page - Sanyo Semicon Device LC866416 Datasheet HTML 11Page - Sanyo Semicon Device LC866416 Datasheet HTML 12Page - Sanyo Semicon Device LC866416 Datasheet HTML 13Page - Sanyo Semicon Device LC866416 Datasheet HTML 14Page - Sanyo Semicon Device LC866416 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LC86E6449
No.6746-11/22
1. Absolute Maximum Ratings at VSS1=VSS2=0V and Ta=25
°C
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Supply voltage
VDDMAX
VDD1, VDD2
VDD1=VDD2
-0.3
+7.0
VI(1)
•Ports 71,72,73, 74 ,75,8
• RES
-0.3
VDD+0.3
Input voltage
VI(2)
VP
VDD-45
VDD+0.3
Output voltage
VO(1)
S0/T0 to S15/T15
VDD-45
VDD+0.3
VIO(1)
•Port 1
•Port 70
•Ports 0, 3 of CMOS
output
-0.3
VDD+0.3
VIO(2)
Ports 0, 3 of open
drain output
-0.3
15
Input/Output
voltage
VIO(3)
S16 to S37
VDD-45
VDD+0.3
V
IOPH(1)
Ports 0, 1, 3
•CMOS output
•At each pins
-10
IOPH(2)
S0/T0 to S15/T15
At each pins
-30
Peak
output
current
IOPH(3)
S16 to S37
At each pins
-15
ΣIOAH(1) Ports 0,1,3
The total of all pins
-30
ΣIOAH(2) S0/T0 to S15/T15
The total of all pins
-55
High
level
output
current
Total
output
current
ΣIOAH(3) S16 to S37
The total of all pins
-115
IOPL(1)
Ports 0,1,3
At each pins
20
Peak
output
current
IOPL(2)
Port 70
At each pins
15
ΣIOAL(1) Port 0
The total of all pins
40
Low
level
output
current
Total
output
current
ΣIOAL(2) Ports 1,3
The total of all pins
40
mA
Maximum
power
dissipation
Pdmax
QFC80E
Ta=+10 to+40
°C
480
mW
Operating
temperature
range
Topr
+10
+40
Storage
temperature
range
Tstg
-55
+125
°C


Similar Part No. - LC866416

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC866416 SANYO-LC866416 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC866416A SANYO-LC866416A Datasheet
2Mb / 22P
   8-Bit Single Chip Microcontroller???
LC866416A SANYO-LC866416A Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
LC866416B SANYO-LC866416B Datasheet
660Kb / 21P
   8-Bit Single Chip Microcontroller
More results

Similar Description - LC866416

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com