Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRE060AFT4-7 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # ZXRE060AFT4-7
Description  0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE060AFT4-7 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button ZXRE060AFT4-7 Datasheet HTML 4Page - Diodes Incorporated ZXRE060AFT4-7 Datasheet HTML 5Page - Diodes Incorporated ZXRE060AFT4-7 Datasheet HTML 6Page - Diodes Incorporated ZXRE060AFT4-7 Datasheet HTML 7Page - Diodes Incorporated ZXRE060AFT4-7 Datasheet HTML 8Page - Diodes Incorporated ZXRE060AFT4-7 Datasheet HTML 9Page - Diodes Incorporated ZXRE060AFT4-7 Datasheet HTML 10Page - Diodes Incorporated ZXRE060AFT4-7 Datasheet HTML 11Page - Diodes Incorporated ZXRE060AFT4-7 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ZXRE060
0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE060
Document number: DS33611 Rev. 6 - 2
10 of 12
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Ordering Information
Tol.
Order Code
Part
Identification
Code
Reel Size
Tape Width
Quantity/Reel
0.5%
ZXRE060AET5TA
TSOT23-5
S6A
7”, 180mm
8mm
3000
ZXRE060AH5TA
SC70-5/SOT353
S6A
7”, 180mm
8mm
3000
ZXRE060AFT4-7
DFN1520H4-6
S6A
7”, 180mm
8mm
3000
1%
ZXRE060ET5TA
TSOT23-5
S06
7”, 180mm
8mm
3000
ZXRE060H5TA
SC70-5/SOT353
S06
7”, 180mm
8mm
3000
ZXRE060FT4-7
DFN1520H4-6
S06
7”, 180mm
8mm
3000
Notes:
4. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf
Marking Information
1.
TSOT23-5, SC70-7/SOT353
2.
DFN1520H4-6
Package
Packing
ET5: TSOT23-5
H5: SC70-5/SOT353
FT4:
DFN2015H4-6
-7: Tape & Reel
TA: Tape & Reel
XX
Tolerance
Package
Packing
A:
±0.5%
None: ±1%
XXXX
ZXRE060
Package
Packing
ET5: TSOT23-5
H5: SC70-5/SOT353
FT4:
DFN2015H4-6
-7: Tape & Reel
TA: Tape & Reel
XX
Tolerance
Package
Packing
A:
±0.5%
None: ±1%
XXXX
ZXRE060
1
2
3
5
4
XXX
( Top View )
XXX : Identification code
1
2
3
5
4
XXX
( Top View )
XXX : Identification code
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
( Top View )
X : A~Z : Internal Code
Y W X
XXX
XXX : Identification code
z : represents 52 and 53
a~z : 27~52 week;
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
( Top View )
X : A~Z : Internal Code
Y W X
XXX
XXX : Identification code
z : represents 52 and 53
a~z : 27~52 week;


Similar Part No. - ZXRE060AFT4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE060AFT4-7 DIODES-ZXRE060AFT4-7 Datasheet
267Kb / 2P
   Space saving packaging for ZXRE060 0.6V shunt regulator
More results

Similar Description - ZXRE060AFT4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE060 DIODES-ZXRE060 Datasheet
396Kb / 10P
   0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRD060 DIODES-ZXRD060 Datasheet
823Kb / 12P
   0.6V DUAL ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE160 DIODES-ZXRE160 Datasheet
426Kb / 15P
   0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com