Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS282A Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS282A
Description  Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS282A Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS282A_01 Datasheet HTML 1Page - Vectron International, Inc TFS282A_01 Datasheet HTML 2Page - Vectron International, Inc TFS282A_01 Datasheet HTML 3Page - Vectron International, Inc TFS282A_01 Datasheet HTML 4Page - Vectron International, Inc TFS282A_01 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tfs282a.doc
version 1.5
12.02.2001
VI TELEFILTER
Filter Specification
TFS 282 A
1/5
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0 dBm
Terminating impedances
for input:
420
Ω // - 1,3 pF
for output: 420
Ω // - 1,3 pF
External coil:
89 nH
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 282 A is the minimum of the pass band attenuation amin. The minimum of the pass band
attenuation amin is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 3 dB
filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed on 282 MHz without tolerance. The given values for the relative
attenuation arel and for the group delay ripple have to be reached at the frequencies given below also if the centre frequency fc is shifted due to the
temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fc.
D a t a
typ. value
tolerance/limit
_________________________________________________________________________________________________________
Insertion loss
ae = amin
3,7
dB
max
5
dB
(Reference level)
_________________________________________________________________________________________________________
Nominal frequency
fN
-
282,000 MHz
_________________________________________________________________________________________________________
Pass band ripple
282,0 MHz ± 65
kHz
-
max
1,5
dB
_________________________________________________________________________________________________________
Relative attenuation
arel
282,0 MHz ± 90
kHz
1,5
dB
max
3
dB
282,0 MHz ± 400
kHz ... 282,0 MHz ± 600
kHz
30
dB
min
25
dB
282,0 MHz ± 600
kHz ... 282,0 MHz ± 800
MHz
45
dB
min
40
dB
282,0 MHz + 800
kHz ... 282,0 MHz +
1,4 MHz
60
dB
min
50
dB
282,0 MHz +
1,4 kHz ... 282,0 MHz +
3,0 MHz
55
dB
min
45
dB
282,0 MHz +
3,0 MHz ... 282,0 MHz + 30,0 MHz
60
dB
min
50
dB
282,0 MHz - 800
kHz ... 282,0 MHz - 30,0 MHz
60
dB
min
50
dB
_________________________________________________________________________________________________________
Group delay distortion
GDD
282,0 MHz ± 100
kHz
0,7
µs
max
2,0
µs
_________________________________________________________________________________________________________
Input power
max
0
dBm
DC voltage
max
5
V
_________________________________________________________________________________________________________
Operating temperature range
- 20
°C ... + 70 °C
Storage temperature range
- 30
°C ... + 85 °C
Temperature coefficient of frequency
TCf
- 0,036 ppm/K²
-
Frequency inversion temperature
+ 25
°C
_________________________________________________________________________________________________________
Generated:
Checked / approved:


Similar Part No. - TFS282A_01

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS282A1 VECTRON-TFS282A1 Datasheet
50Kb / 4P
   Filter Specification
More results

Similar Description - TFS282A_01

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com