Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC867248 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC867248
Description  8-Bit Single Chip Microcontroller with the UVEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC867248 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC867248 Datasheet HTML 5Page - Sanyo Semicon Device LC867248 Datasheet HTML 6Page - Sanyo Semicon Device LC867248 Datasheet HTML 7Page - Sanyo Semicon Device LC867248 Datasheet HTML 8Page - Sanyo Semicon Device LC867248 Datasheet HTML 9Page - Sanyo Semicon Device LC867248 Datasheet HTML 10Page - Sanyo Semicon Device LC867248 Datasheet HTML 11Page - Sanyo Semicon Device LC867248 Datasheet HTML 12Page - Sanyo Semicon Device LC867248 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
LC86E7248
No.6749-9/19
1. Absolute Maximum Ratings at Ta=25
°C, VSS=VSS1=VSS2=VSS3=0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Supply voltage
VDDMAX
VDD1, VDD2
VDD3
VDD1=VDD2=
VDD3
-0.3
+7.0
LCD display
voltage
VLCD
V1/PL6, V2/PL5
V3/PL4
VDD1=VDD2=
VDD3
-0.3
VDD
Input voltage
VI
•Ports 71, 72, 73
•Ports 74 , 75
•Port 8, Port L
• RES
-0.3
VDD+0.3
Input/output
voltage
VIO
•Port 0, 1, 3
•Port 70
•Ports A,B,C,D,E,F
-0.3
VDD+0.3
V
IOPH(1)
Ports 0, 1, 3
-4
Peak
output
current
IOPH(2)
Ports A,B,C,D,E,F
•CMOS output
•At each pins
-4
ΣIOAH(1)
Ports 0, 1, 32, 33,
34, 35
Total all pins
-38
ΣIOAH(2)
Ports 30, 31
Total all pins
-4
ΣIOAH(3)
Ports S0 to S25
Total all pins
-25
High
level
output
current
Total
output
current
ΣIOAH(4)
Ports S26 to S47
Total all pins
-25
IOPL(1)
Ports 0, 1, 3
At each pins
20
IOPL(2)
Ports A,B,C,D,E,F
At each pins
20
Peak
output
current
IOPL(3)
Port 70
At each pins
15
ΣIOAL(1)
Ports 0, 1, 32, 33,
34, 35
Total all pins
50
ΣIOAL(2)
Ports 30, 31
Total all pins
20
ΣIOAL(3)
Ports S0 to S25
Total all pins
39
ΣIOAL(4)
Ports S26 to S47
Total all pins
33
Low
level
output
current
Total
output
current
ΣIOAL(5)
Port 70
Total all pins
10
mA
Maximum power
dissipation
Pdmax
QFC100S
Ta=+10 to+40
°C
515
mW
Operating
temperature
range
Topr
+10
+40
Storage
temperature
range
Tstg
-55
+125
°C


Similar Part No. - LC867248

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC867248 SANYO-LC867248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
More results

Similar Description - LC867248

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com