Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-30405 Datasheet(PDF) 2 Page - Rhombus Industries Inc.

Part # T-30405
Description  Self-Shielded Audio Transformers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-30405 Datasheet(HTML) 2 Page - Rhombus Industries Inc.

  T-30405 Datasheet HTML 1Page - Rhombus Industries Inc. T-30405 Datasheet HTML 2Page - Rhombus Industries Inc. T-30405 Datasheet HTML 3Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
Electrical Specifications at 25OC
T-30400G
600 / 600
0.0
0.7
0.50
18
31
39
Sec.
DCR max.
(
Ω )
Pri.
DCR max.
(
Ω )
UNBAL.
DC
(mA)
Insertion
Loss
(dB) (1)
Frequency
Response
(dB)
Return
Loss
(dB) (2)
Surface Mount
EP7 Style
Part Number
Impedance
(Ohms)
Electrical Specifications at 25OC
T-30402G
600 / 600
0.0
1.0
0.25
26
36
47
T-30403G
900 / 900
0.0
1.0
0.25
26
44
58
Sec.
DCR max.
(
Ω )
Pri.
DCR max.
(
Ω )
UNBAL.
DC
(mA)
Insertion
Loss
(dB) (1)
Frequency
Response
(dB)
Return
Loss
(dB) (2)
Surface Mount
EP13 Style
Part Number
Impedance
(Ohms)
Electrical Specifications at 25OC
T-30401G
600 / 600
0.0
0.9
0.50
21
34
43
Sec.
DCR max.
(
Ω )
Pri.
DCR max.
(
Ω )
UNBAL.
DC
(mA)
Insertion
Loss
(dB) (1)
Frequency
Response
(dB)
Return
Loss
(dB) (2)
Surface Mount
EP10 Style
Part Number
Impedance
(Ohms)
Self-Shielded
Audio Transformers
Using EP Geometry cores,
these transformers provide
excellent shielding.
Isolation is 1500 Vrms minimum
Longitudinal Balance is 60dB min.
Frequency range: 300Hz to 3400Hz
16
.522
(13.26)
MAX.
.100
(2.54)
.028
(0.70)
.532
(13.51)
MAX.
.516
(13.1)
.675 (17.15)
.663 (16.85)
.516
(13.1)
MAX.
.025
(0.64)
EP13 Style
Surface Mount
.465
(11.8)
MAX.
.492
(12.5)
MAX.
.098
(2.50)
.028
(0.70)
.432
(10.97)
MAX.
.413
(10.5)
.575 (14.6)
.567 (14.4)
.469
(11.9)
MAX.
.025
(0.64)
EP10 Style
Surface Mount
.100
(2.54)
TYP.
.594
(15.10)
.050
(1.27)
TYP.
8
Suggested
Pad Layout
7
6
5
1
2
3
4
.100
(2.54)
TYP.
8
7
6
.100
(2.54)
TYP.
.715
(18.15)
.050
(1.27)
TYP.
.100
(2.54)
TYP.
Suggested
Pad Layout
1
2
3
4
5
9
10
EP13 SM
EP7 SM
EP10 SM
.370
(9.40)
MAX.
.098
(2.50)
.028
(0.70)
.375
(9.53)
MAX.
.34
(8.6)
.505 (12.83)
.490 (12.45)
.375
(9.53)
MAX.
.025
(0.64)
EP7 Style
Surface Mount
2
4
7
9
1
4
5
8
1
3
4
6
1. Insertion Loss measured at 1 kHz.
2. Return Loss measured at 300 Hz.
Dimensions
in Inches (mm)
EP - 10/98
PRI
SEC.
PRI
SEC.
PRI
SEC.
Suggested
Pad Layout
.075
(1.905)
TYP.
.100
(2.54)
TYP.
.525
(13.34)
.050
(1.27)
TYP.
1
2
3
4
5
6
T-30402 & 30403G
Schematic
T-30401G
Schematic
T-30400G
Schematic


Similar Part No. - T-30405

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-30405 RHOMBUS-IND-T-30405 Datasheet
74Kb / 3P
   Self-Shielded Audio Transformers
More results

Similar Description - T-30405

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-30400 RHOMBUS-IND-T-30400 Datasheet
74Kb / 3P
   Self-Shielded Audio Transformers
logo
XFMRS Inc.
XF2256AT XFMRS-XF2256AT Datasheet
624Kb / 2P
   AUDIO Transformers Digital Audio Transformers
logo
HALO Electronics, Inc.
TG10-DA1NSLF HALO-TG10-DA1NSLF Datasheet
525Kb / 2P
   Single and Dual Channel Shielded Transformers for Digital Audio
logo
XFMRS Inc.
XF0033AT-5S2 XFMRS-XF0033AT-5S2 Datasheet
50Kb / 1P
   DIGITAL AUDIO TRANSFORMERS
logo
Rhombus Industries Inc.
T-35000 RHOMBUS-IND-T-35000 Datasheet
25Kb / 1P
   Mini Audio Transformers
logo
Analog Devices
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
SSM2017 AD-SSM2017 Datasheet
243Kb / 8P
   Self-Contained Audio Preamplifier
REV. C
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRNZRL AD-SSM2019BRNZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com