Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS245B Datasheet(PDF) 5 Page - Vectron International, Inc

Part # TFS245B
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS245B Datasheet(HTML) 5 Page - Vectron International, Inc

  TFS245B Datasheet HTML 1Page - Vectron International, Inc TFS245B Datasheet HTML 2Page - Vectron International, Inc TFS245B Datasheet HTML 3Page - Vectron International, Inc TFS245B Datasheet HTML 4Page - Vectron International, Inc TFS245B Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Filename: tfs 245b.doc
Version 1.3
21.07.2004
VI TELEFILTER
Filter specification
TFS 245B
5/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
History
Version
Reason of Changes
Name
Date
1.0
- Generation of development specification
M.Springfeldt
01.06.2004
1.1
- Change 3 dB bandwidth from limit value to typical value
Dr. Wall
11.06.2004
1.2
- terminating impedance, matching configuration, filter characteristic and typical values added Pfeiffer
16.07.2004
- limit of group delay ripple changed to 300nm
1.3
- Change frequency for absolute attenuation from ±0.9 MHz to ±0.95 MHz
Springfeldt
21.07.2004


Similar Part No. - TFS245B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS245C VECTRON-TFS245C Datasheet
166Kb / 5P
   Filter specification
TFS245D VECTRON-TFS245D Datasheet
193Kb / 5P
   Vectron International Filter specification
TFS245E VECTRON-TFS245E Datasheet
134Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS245B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com