Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZXCT1107 Datasheet(PDF) 16 Page - Diodes Incorporated

Part No. ZXCT1107
Description  LOW POWER HIGH-SIDE CURRENT MONITORS
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

ZXCT1107 Datasheet(HTML) 16 Page - Diodes Incorporated

 
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ZXCT1107/1109/1110
LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT1107/1109/1110
Document number: DS35033 Rev. 1 - 2
16 of 17
www.diodes.com
MARCH 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Ordering Information
Order Reference
Package
Device
Marking
Reel Size
Quantity
Per Reel
Tape Width
(mm)
ZXCT1107SA-7
SOT23
1107
7”, 180mm
3000
8
ZXCT1109SA-7
SOT23
1109
7”, 180mm
3000
8
ZXCT1110W5-7
SOT23-5
1110
7”, 180mm
3000
8
Package Outline Dimensions (All Dimensions in mm)
Package type: SOT23
Package type: SOT23-5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn