Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZXCT1107 Datasheet(PDF) 12 Page - Diodes Incorporated

Part No. ZXCT1107
Description  LOW POWER HIGH-SIDE CURRENT MONITORS
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

ZXCT1107 Datasheet(HTML) 12 Page - Diodes Incorporated

Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ZXCT1107/1109/1110
LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT1107/1109/1110
Document number: DS35033 Rev. 1 - 2
12 of 17
www.diodes.com
MARCH 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (cont.)
Note that in order to avoid additional error, VSUPPLY must be at least 1.5V greater than VOUT. This margin depends on the
value of VSENSE. For VSENSE = 100mV, this margin can be reduced to 1.0V.
RSENSE is chosen based on the threshold VSENSET of sense voltage selected as above, for the chosen threshold load current,
ILOADT.
LOADT
SENSET
SENSE
I
V
R
=
Equation 4
RGAIN is chosen to give the required threshold output voltage, VOUTT. From Equation 1, the threshold output current is
IOUTT = 0.004 * VSENSET
Equation 1a
OUTT
OUTT
GAIN
I
V
R
=
or
SENSET
OUTT
GAIN
V
*
004
.
0
V
R
=
Equation 5
Design Example
A current monitor is required to provide an output voltage of 2V ±6% when the load current of a 12V supply is 2A. Resistors
are available with 1% tolerance.
The sense and output resistors will contribute a total possible error of 2%, so the ZXCT11xx error must not exceed 4%. From
Table 1, the error of ZXCT1107/1109 will be 3.4% if the sense voltage is 100mV. This satisfies the total error requirement of
6%.
Equation 4 gives
RSENSE = 100mV/2A = 50mΩ
Equation 5 gives
1
.
0
*
004
.
0
2
R
GAIN =
= 5k
A suitable preferred value is 5.1k
Ω. This gives a systematic error of +2%, which can be compensated elsewhere in the
system if desired. Figure 2 shows the resulting schematic.
Figure 2. Example Circuit using ZXCT1107/ZXCT1109


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn