Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC86E6449 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC86E6449
Description  8-Bit Single Chip Microcontroller with the UVEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC86E6449 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC86E6449 Datasheet HTML 3Page - Sanyo Semicon Device LC86E6449 Datasheet HTML 4Page - Sanyo Semicon Device LC86E6449 Datasheet HTML 5Page - Sanyo Semicon Device LC86E6449 Datasheet HTML 6Page - Sanyo Semicon Device LC86E6449 Datasheet HTML 7Page - Sanyo Semicon Device LC86E6449 Datasheet HTML 8Page - Sanyo Semicon Device LC86E6449 Datasheet HTML 9Page - Sanyo Semicon Device LC86E6449 Datasheet HTML 10Page - Sanyo Semicon Device LC86E6449 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LC86E6449
No.6746-7/22
System Block Diagram
Interrupt Control
Stand-by Control
CF
RC
X’tal
IR
PLA
EPROM
Control
A15-A0
D7-D0
TA
CE
OE
DASEC
EPROM(48KB)
PC
ACC
B Register
C Register
ALU
PSW
RAR
RAM
Stack Pointer
Port 0
Watchdog Timer
Bus Interface
Port 1
Port 3
Port 7
Port 8
Base Timer
SIO0
SIO1
Timer 0
Timer 1
ADC
INT0 to 3
Noise Filter
Real Time Service
High Voltage Output
RAM
128 bytes
VFD
Controller


Similar Part No. - LC86E6449

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86E6032 SANYO-LC86E6032 Datasheet
401Kb / 20P
   8-bit single chip microcomputer??????
LC86E6032 SANYO-LC86E6032 Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
LC86E6232 SANYO-LC86E6232 Datasheet
285Kb / 19P
   8-bit single chip microcomputer??????
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
More results

Similar Description - LC86E6449

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com