Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC866420B Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC866420B
Description  8-Bit Single Chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866420B Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC866420B Datasheet HTML 1Page - Sanyo Semicon Device LC866420B Datasheet HTML 2Page - Sanyo Semicon Device LC866420B Datasheet HTML 3Page - Sanyo Semicon Device LC866420B Datasheet HTML 4Page - Sanyo Semicon Device LC866420B Datasheet HTML 5Page - Sanyo Semicon Device LC866420B Datasheet HTML 6Page - Sanyo Semicon Device LC866420B Datasheet HTML 7Page - Sanyo Semicon Device LC866420B Datasheet HTML 8Page - Sanyo Semicon Device LC866420B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
91400 RM (IM) SK No.6699-1/21
Ver.1.05
O0499
Preliminary
Overview
The LC866448B/44B/40B/36B/32B/28B/24B/20B/16B/12B/08B microcontrollers are 8-bit single chip microcontrollers
with the following on-chip functional blocks:
- CPU : Operable at a minimum bus cycle time of 0.5µs (microsecond)
- On-chip ROM Maximum Capacity : 48K bytes
- On-chip RAM Capacity : 1152/768/640/512 bytes
(LC866448B/44B/40B/36B/32B/28B/24B/20B/16B/12B/08B)
- 16-bit timer /counter (or two 8-bit timers)
- 16-bit timer /PWM
(or two 8-bit timers)
- 8-channel
× 8-bit AD converter
- Two 8-bit synchronous serial-interface circuits (1-channel
× 16bit, 1-channel × 8bit)
- 14-source 10-vectored interrupt system
All of the above functions are fabricated on a single chip.
8-Bit Single Chip Microcontroller
LC866448B/44B/40B/36B/32B/28B/24B/20B/16B/12B/08B
Ordering number : ENN*6699
CMOS IC


Similar Part No. - LC866420B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC866420 SANYO-LC866420 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866420 SANYO-LC866420 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC866420A SANYO-LC866420A Datasheet
2Mb / 22P
   8-Bit Single Chip Microcontroller???
LC866420A SANYO-LC866420A Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
More results

Similar Description - LC866420B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com