Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC866424B Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC866424B
Description  8-Bit Single Chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866424B Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC866424B Datasheet HTML 7Page - Sanyo Semicon Device LC866424B Datasheet HTML 8Page - Sanyo Semicon Device LC866424B Datasheet HTML 9Page - Sanyo Semicon Device LC866424B Datasheet HTML 10Page - Sanyo Semicon Device LC866424B Datasheet HTML 11Page - Sanyo Semicon Device LC866424B Datasheet HTML 12Page - Sanyo Semicon Device LC866424B Datasheet HTML 13Page - Sanyo Semicon Device LC866424B Datasheet HTML 14Page - Sanyo Semicon Device LC866424B Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LC866448B/44B/40B/36B/32B/28B/24B/20B/16B/12B/08B
No.6699-11/21
2. Recommended Operating Range at Ta=-30
°C to +70°C, VSS1=VSS2=0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
VDD(1)
0.98
µs ≤ tCYC
tCYC
≤ 400µs
4.5
6.0
Operating
Supply
voltage
VDD(2)
VDD1=VDD2
3.9
µs ≤ tCYC
tCYC
≤ 400µs
2.5
6.0
Hold voltage
VHD
VDD1=VDD2
RAMs and the
registers hold
voltage at HOLD
mode.
2.0
6.0
Pull-down
voltage
VP
VP
2.5 to 6.0
-35
VDD
VIH(1)
Port 0 at CMOS output
Output disable
2.5 to 6.0 0.33VDD
+1.0
VDD
4.0 to 6.0 0.8VDD
13.5
VIH(2)
Port 0 at N-ch open drain
output
Output disable
2.5 to 4.0 0.75VDD
13.5
VIH(3)
•Port 1
•Ports 72,73
•Port 3 at CMOS
output option
Output disable
2.5 to 6.0 0.75VDD
VDD
4.5 to 6.0 0.8VDD
13.5
VIH(4)
Port 3 at N-ch open
drain output option
Output disable
Tr. OFF
2.5 to 4.0 0.75VDD
13.5
VIH(5)
•Port 70
Port input/interrupt
•Port 71
• RES
Output N-channel
Tr. OFF
2.5 to 6.0 0.75VDD
VDD
Input high
voltage
VIH(6)
Port 70
Watchdog timer
Output N-channel
Tr. OFF
2.5 to 6.0 0.9VDD
VDD
VIH(7)
•Port 8
•Ports 74 ,75
Using as port
2.5 to 6.0 0.75VDD
VDD
VIH(8)
S16 to S37
Output P-channel
Tr. OFF
4.0 to 6.0 0.33VDD
+1.0
VDD
VIL(1)
Port 0 at CMOS
output option
Output disable
2.5 to 6.0
VSS
0.2VDD
VIL(2)
Port 0 at N-ch open
drain output
Output disable
2.5 to 6.0
VSS
0.25VDD
VIL(3)
•Ports 1,3
•Ports 72,73
Output disable
2.5 to 6.0
VSS
0.25VDD
VIL(4)
•Port 70
Port input/interrupt
•Port 71
• RES
Output N-channel
Tr. OFF
2.5 to 6.0
VSS
0.25VDD
VIL(5)
Port 70
Watchdog timer
Output N-channel
Tr. OFF
2.5 to 6.0
VSS
0.8VDD
-1.0
VIL(6)
•Port 8
•Ports 74 ,75
Using as port
2.5 to 6.0
VSS
0.25VDD
Input low
voltage
VIL(7)
S16 to S37
Output P-channel
Tr. OFF
4.0 to 6.0
VP
0.2VDD
V
4.5 to 6.0
0.98
400
Operation
cycle time
tCYC
2.5 to 6.0
3.9
400
µs
Continue.


Similar Part No. - LC866424B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC866424 SANYO-LC866424 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866424 SANYO-LC866424 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC866424A SANYO-LC866424A Datasheet
2Mb / 22P
   8-Bit Single Chip Microcontroller???
LC866424A SANYO-LC866424A Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
More results

Similar Description - LC866424B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com