Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC1G08W5 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74AHC1G08W5
Description  SINGLE 2 INPUT POSITIVE AND GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC1G08W5 Datasheet(HTML) 6 Page - Diodes Incorporated

  74AHC1G08W5 Datasheet HTML 1Page - Diodes Incorporated 74AHC1G08W5 Datasheet HTML 2Page - Diodes Incorporated 74AHC1G08W5 Datasheet HTML 3Page - Diodes Incorporated 74AHC1G08W5 Datasheet HTML 4Page - Diodes Incorporated 74AHC1G08W5 Datasheet HTML 5Page - Diodes Incorporated 74AHC1G08W5 Datasheet HTML 6Page - Diodes Incorporated 74AHC1G08W5 Datasheet HTML 7Page - Diodes Incorporated 74AHC1G08W5 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
74AHC1G08
SINGLE 2 INPUT POSITIVE AND GATE
74AHC1G08
Document number: DS35172 Rev. 1 - 2
6 of 8
www.diodes.com
March 2011
© Diodes Incorporated
Ordering Information
74AHC1G 08 XX -7
W5 : SOT25
Function
Package
7 : Tape & Reel
Packing
08 : 2-Input
AND -Gate
SE : SOT353
Logic Device
74 : Logic Prefix
AHC : 2 to
Family
1G : One gate
5.5V
Device
Package
Code
Packaging
(Note 5)
7” Tape and Reel
Quantity
Part Number Suffix
74AHC1G08W5-7
W5
SOT25
3000/Tape & Reel
-7
74AHC1G08SE-7
SE
SOT353
3000/Tape & Reel
-7
Notes:
5. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
1
2
3
5
4
XX Y W X
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Internal code
(Top View)
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
74AHC1G08W5
SOT25
YU
74AHC1G08SE
SOT353
YU


Similar Part No. - 74AHC1G08W5

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G08 PHILIPS-74AHC1G08 Datasheet
80Kb / 12P
   2-input AND gate
1999 Jan 27
74AHC1G08 PHILIPS-74AHC1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
74AHC1G08 NXP-74AHC1G08 Datasheet
77Kb / 11P
   2-input AND gate
Rev. 06-29 June 2007
logo
Nexperia B.V. All right...
74AHC1G08 NEXPERIA-74AHC1G08 Datasheet
210Kb / 11P
   2-input AND gate
Rev. 8 - 11 January 2022
74AHC1G08-Q100 NEXPERIA-74AHC1G08-Q100 Datasheet
682Kb / 12P
   2-input AND gate
More results

Similar Description - 74AHC1G08W5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
[Old version datasheet]   single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08-Q1 TI-SN74AHC1G08-Q1 Datasheet
276Kb / 8P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_2 Datasheet
572Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74AHCT1G08 DIODES-74AHCT1G08 Datasheet
179Kb / 8P
   SINGLE 2 INPUT POSITIVE AND GATE
74LVCE1G08W5-7 DIODES-74LVCE1G08W5-7 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com