Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC1G08 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74AHC1G08
Description  SINGLE 2 INPUT POSITIVE AND GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC1G08 Datasheet(HTML) 5 Page - Diodes Incorporated

  74AHC1G08_11 Datasheet HTML 1Page - Diodes Incorporated 74AHC1G08_11 Datasheet HTML 2Page - Diodes Incorporated 74AHC1G08_11 Datasheet HTML 3Page - Diodes Incorporated 74AHC1G08_11 Datasheet HTML 4Page - Diodes Incorporated 74AHC1G08_11 Datasheet HTML 5Page - Diodes Incorporated 74AHC1G08_11 Datasheet HTML 6Page - Diodes Incorporated 74AHC1G08_11 Datasheet HTML 7Page - Diodes Incorporated 74AHC1G08_11 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
74AHC1G08
SINGLE 2 INPUT POSITIVE AND GATE
74AHC1G08
Document number: DS35172 Rev. 1 - 2
5 of 8
www.diodes.com
March 2011
© Diodes Incorporated
Operating Characteristics
TA = 25 ºC
Parameter
Test
Conditions
VCC = 5V
Unit
Typ.
Cpd
Power dissipation capacitance
f = 1 MHz
No Load
12
pF
Parameter Measurement Information
VCC
Inputs
VM
CL
VI
tr/tf
3.3V±0.3V
VCC
≤3ns
VCC/2
15pF
5V±0.5V
VCC
≤3ns
VCC/2
15pF
3.3V±0.3V
VCC
≤3ns
VCC/2
50pF
5V±0.5V
VCC
≤3ns
VCC/2
50pF
Voltage Waveform Pulse Duration
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1. Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 1 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.


Similar Part No. - 74AHC1G08_11

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC1G08-Q100 NEXPERIA-74AHC1G08-Q100 Datasheet
682Kb / 12P
   2-input AND gate
logo
NXP Semiconductors
74AHC1G08GV PHILIPS-74AHC1G08GV Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
74AHC1G08GV NXP-74AHC1G08GV Datasheet
77Kb / 11P
   2-input AND gate
Rev. 06-29 June 2007
74AHC1G08GV NXP-74AHC1G08GV Datasheet
63Kb / 6P
   2-input AND gate
B.V. 2007
logo
Nexperia B.V. All right...
74AHC1G08GV NEXPERIA-74AHC1G08GV Datasheet
210Kb / 11P
   2-input AND gate
Rev. 8 - 11 January 2022
More results

Similar Description - 74AHC1G08_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
[Old version datasheet]   single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08-Q1 TI-SN74AHC1G08-Q1 Datasheet
276Kb / 8P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_2 Datasheet
572Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74AHCT1G08 DIODES-74AHCT1G08 Datasheet
179Kb / 8P
   SINGLE 2 INPUT POSITIVE AND GATE
74LVCE1G08W5-7 DIODES-74LVCE1G08W5-7 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com