Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC868112A Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC868112A
Description  8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC868112A Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC868112A Datasheet HTML 5Page - Sanyo Semicon Device LC868112A Datasheet HTML 6Page - Sanyo Semicon Device LC868112A Datasheet HTML 7Page - Sanyo Semicon Device LC868112A Datasheet HTML 8Page - Sanyo Semicon Device LC868112A Datasheet HTML 9Page - Sanyo Semicon Device LC868112A Datasheet HTML 10Page - Sanyo Semicon Device LC868112A Datasheet HTML 11Page - Sanyo Semicon Device LC868112A Datasheet HTML 12Page - Sanyo Semicon Device LC868112A Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LC868116/12/08A
No.6724-9/28
Pin Description
Name
No.
I/O
Function description
Option
VSS
75,133
-
Power terminal (-)
-
VDD
1,103
-
Power terminal (+)
-
VLCD
71
-
Power terminal (+) for LCD driver *2
-
V1 to V5
66-70
-
Voltage supply terminals to LCD drivers *2
-
VOUT2
72
-
Output terminals for doubler
VOUT2
≅ 2X(VDD-VSS) -
CUP1,2
74,73
-
Capacitor connecting terminals for doubler, tripler
-
Port0
P00 to P07
112-119
I/O
•8-bit input/output port
•Input/output can be specified in 4-bit
•External memory mode
1. EXT resistor bit 2=0
Address output of lower 8-bit, input/output
of data
2. EXT resistor bit 2=1
•Input/output of data
•Input for key interrupt (P30INT=0) *1
•Pull-up resistor :
Provided/Not provided
•Output form :
CMOS/N-ch open drain
•8-bit input/output port
•Input/output can be specified in a bit
•Another functions
P10
P11
P12
P13
P14
P15
P16
P17
SIO0 data output
SIO0 data input, bus input/output
SIO0 clock input/output
SIO1 data output
SIO1 data input, bus input/output
SIO1 clock input/output
Buzzer output
Timer 1 output (PWM output)
Port1
P10 to P17
87-94
I/O
•Output form :
CMOS/N-ch open drain
Port2
P20 to P27
120-127
I/O
•8-bit input/output port
•Input/output can be specified in a bit
•External memory mode
Address output of upper 8-bit
•Output form :
CMOS/N-ch open drain
Port3
P30 to P37
104-111
I/O
•8-bit input/output port
•Input/output in a bit
•External memory mode
1. EXT resistor bit 2=0 : input/output port
2. EXT resistor bit 2=1 : address output of lower
8-bit for external memory
•Input for key interrupt (P30INT=L) *1
•Pull-up resistor :
Provided/Not provided
•Output form :
CMOS/N-ch open drain
*1 P30INT : Bit 0 of Port 3 interrupt control register.
*2 The structure of the LCD power supply is shown below.
VLCD
V5
V4
V3
V2
V1
VSS
Resistor for
LCD contrast
adjustment
Note : If the microcontroller is operated at 3V, the voltage doubler
output (VOUT2) should be connected to the LCD power
terminal (VLCD).
(or the output of an external voltage doubler should be
connected to VLCD)


Similar Part No. - LC868112A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC868008A SANYO-LC868008A Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868012A SANYO-LC868012A Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868016A SANYO-LC868016A Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
More results

Similar Description - LC868112A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com