Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC868116A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC868116A
Description  8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC868116A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC868116A Datasheet HTML 1Page - Sanyo Semicon Device LC868116A Datasheet HTML 2Page - Sanyo Semicon Device LC868116A Datasheet HTML 3Page - Sanyo Semicon Device LC868116A Datasheet HTML 4Page - Sanyo Semicon Device LC868116A Datasheet HTML 5Page - Sanyo Semicon Device LC868116A Datasheet HTML 6Page - Sanyo Semicon Device LC868116A Datasheet HTML 7Page - Sanyo Semicon Device LC868116A Datasheet HTML 8Page - Sanyo Semicon Device LC868116A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LC868116/12/08A
No.6724-2/28
Features
(1) Read Only Memory (ROM)
: LC868116A
16384
× 8 bits
: LC868112A
12288
× 8 bits
: LC868108A
8192
× 8 bits
(2) Random Access Memory (RAM)
: 512
× 8 bits (calculation area)
128
× 8 bits (display area)
(3) Bus Cycle Time / Instruction Cycle Time
Bus cycle
time
Instruction
cycle time
System clock
oscillation
Oscillation
frequency
Voltage
Note
12MHz
OCR7=0
0.5
µs
1
µs
Ceramic (CF)
6MHz
4.5-6.0V
OCR7=1
excluding
external memory
access function
6MHz
OCR7=0
1
µs
2
µs
Ceramic (CF)
3MHz
4.5-6.0V
OCR7=1
for external
memory access
3MHz
OCR7=0
2
µs
4
µs
Ceramic (CF)
1.5MHz
2.5-6.0V
OCR7=1
7.5
µs
15
µs
OCR7=0
3.8
µs
7.5
µs
Internal RC
800kHz
2.5-6.0V
OCR7=1
183
µs
366
µs
OCR7=0
91.5
µs
183
µs
Crystal (XTAL)
32.768kHz
2.5-6.0V
OCR7=1
* Bus cycle time means ROM-read period.
OCR7 : Bit-7 of the oscillation control register.
(4) Ports
- Input / output ports
: 6 ports
(47 terminals)
Input/output port programmable in a nibble
: 1 port
(8 terminals)
Input/output port programmable every function unit
: 1 port
(7 terminals)
Input/output port programmable in a bit
: 4 ports
(32 terminals)
- Input port
: 1 port
(4 terminals)
- Ports at external memory mode
1. External Latch
Port 0 : Address output of lower 8-bit, input/output of data
Port 2 : Address output of upper 8-bit
Port 5 : Bank address output
2. No External Latch
Port 0 : Input/output of data
Port 3 : Address output of lower 8-bit
Port 2 : Address output of upper 8-bit
Port 5 : Bank address output
(Set whether the external latch is used or not by program.)
- LCD segment driver output ports
: 48 terminals
(Function change available : segment/common)
- LCD common driver output ports
: 16 terminals
(1/32 duty maximum : at using segment output ports as common output by mask option)
(5) External memory access
- External program memory access function
External program memory capacity : 64K bytes
Programable switch internal program/external program
(At initial : Internal program)
Enable/disable control of external program ! internal program memory switch


Similar Part No. - LC868116A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC868008A SANYO-LC868008A Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868012A SANYO-LC868012A Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868016A SANYO-LC868016A Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
More results

Similar Description - LC868116A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com