Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC866532A Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC866532A
Description  8-Bit Single Chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866532A Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC866532A Datasheet HTML 3Page - Sanyo Semicon Device LC866532A Datasheet HTML 4Page - Sanyo Semicon Device LC866532A Datasheet HTML 5Page - Sanyo Semicon Device LC866532A Datasheet HTML 6Page - Sanyo Semicon Device LC866532A Datasheet HTML 7Page - Sanyo Semicon Device LC866532A Datasheet HTML 8Page - Sanyo Semicon Device LC866532A Datasheet HTML 9Page - Sanyo Semicon Device LC866532A Datasheet HTML 10Page - Sanyo Semicon Device LC866532A Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LC866548/40/32/28/24A
No.6700-7/21
LC866548A/40A/32A/28A/24A Pin Description
Pin Name
I/O
Function Description
Option
VSS1, 2
Power pin (-)
*1
VDD1,2,3,4
Power pin (+)
*1
VP
Power pin (+) for the VFD output pull-down resist
Port 0
P00 - P07
I/O
•8-bit input/output port
Input/output in nibble units
•Input for port 0 interrupt
•Input for HOLD release
•15V withstand at N-channel open drain output
•Pull-up resistor :
Provided/Not provided (each nibble)
•Output form :
CMOS/N-channel open drain
(each bit)
Port 1
•8-bit Input/output port
Input/output can be specified in bit unit.
•Other pin functions
P10
P11
P12
P13
P14
P15
P16
P17
SIO0 data output
SIO0 data input/bus input/output
SIO0 clock input/output
SIO1 data output
SIO1 data input/bus input/output
SIO1 clock input/output
Buzzer output
Timer1 output (PWM0 output)
•Output form :
CMOS/N-channel open drain
(each bit)
P10 - P17
I/O
Port 3
P30 - P37
I/O
•8-bit input/output port
Input/output in bit unit
•15V withstand at N-channel open drain output
•Output form :
CMOS/N-channel open drain
(each bit)
Port 7
•4-bit input/output port
Input/output in bit unit
•2-bit input port
•Other pin function
P70
P71
P72
P73
P74
P75
INT0 input/HOLD release /Nch-Tr.
output for watchdog timer
INT1 input/HOLD release input
INT2 input/timer 0 event input
INT3 input with noise filter/timer 0
event input
Input pin XT1 for 32.768kHz crystal
resonator oscillation
Output pin XT2 for 32.768kHz
crystal resonator oscillation
•Interrupt received form, vector address
rising
falling
rising/
falling
H level
L level
Vector
P70 - P73
P74 - P75
I/O
I
INT0
INT1
INT2
INT3
enable
enable
enable
enable
enable
enable
enable
enable
disable
disable
enable
enable
enable
enable
disable
disable
enable
enable
disable
disable
03H
0BH
13H
1BH
Port 8
P80 - P83
P84 - P87
I
I/O
•4-bit input/output port
Input/output in bit unit
•4-bit input port
•Other function
AD input port (8 port pins)
S0/T0 to
S6/T6
O
Output for VFD display controller
segment/timing in common
Pull-down resistor :
Provided/Not provided (each bit)
(continue)


Similar Part No. - LC866532A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC866532 SANYO-LC866532 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866532 SANYO-LC866532 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Similar Description - LC866532A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com