Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS211F Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS211F
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS211F Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS211F Datasheet HTML 1Page - Vectron International, Inc TFS211F Datasheet HTML 2Page - Vectron International, Inc TFS211F Datasheet HTML 3Page - Vectron International, Inc TFS211F Datasheet HTML 4Page - Vectron International, Inc TFS211F Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 211f.doc
Version 1.2
19.01.2006
VI TELEFILTER
Filter specification
TFS 211F
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Filter characteristic
Construction and pin connection
(All dimensions in mm)
13,3 ±0,2
1,91±0,2
7,62±0,2
1,0±0,2
Date code
1
5
6
10
50 Ω Test circuit
TFS 211F
U03
1
Input RF Return
2
Ground
3
Ground
4
Ground
5
Output
6
Output RF Return
7
Ground
8
Ground
9
Ground
10
Input
Date code:
Year + week
U
2006
V
2007
W
2008
...
191
195
199
203
207
211
215
219
223
227
231
-70
-63
-56
-49
-42
-35
-28
-21
-14
-7
0
frequency in MHz
210.75
210.8
210.85
210.9
210.95
211
211.05
211.1
211.15
211.2
211.25
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
210.75
210.8
210.85
210.9
210.95
211
211.05
211.1
211.15
211.2
211.25
1.89
2.37
2.85
3.33
3.81
4.29
4.77
5.25
5.73
6.21
6.69
frequency in MHz
L1
L2
SAW
L3
L4
10
5
2, 3, 4, 7, 8, 9
6
1


Similar Part No. - TFS211F

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS211 VECTRON-TFS211 Datasheet
211Kb / 5P
   Filter specification
TFS211-1 VECTRON-TFS211-1 Datasheet
94Kb / 5P
   Filter specification
TFS211-1 VECTRON-TFS211-1_05 Datasheet
174Kb / 5P
   Filter specification
TFS211A VECTRON-TFS211A Datasheet
43Kb / 4P
   Filter Specification
TFS211B VECTRON-TFS211B Datasheet
56Kb / 5P
   Filter specification
More results

Similar Description - TFS211F

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com