Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC865632 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC865632
Description  8-Bit Single Chip Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865632 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC865632 Datasheet HTML 5Page - Sanyo Semicon Device LC865632 Datasheet HTML 6Page - Sanyo Semicon Device LC865632 Datasheet HTML 7Page - Sanyo Semicon Device LC865632 Datasheet HTML 8Page - Sanyo Semicon Device LC865632 Datasheet HTML 9Page - Sanyo Semicon Device LC865632 Datasheet HTML 10Page - Sanyo Semicon Device LC865632 Datasheet HTML 11Page - Sanyo Semicon Device LC865632 Datasheet HTML 12Page - Sanyo Semicon Device LC865632 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LC865632/28/24/20/16/12/08A
No.6698-9/20
1. Absolute Maximum Ratings at VSS=0V and Ta=25
°C
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Supply voltage
VDDMAX
VDD,VDDVPP
VDD=VDDVPP
-0.3
+7.0
Input voltage
VI(1)
•Ports 71,72,73, 74
•Port 8
RES
-0.3
VDD+0.3
VIO(1)
•Ports 0,1,2
•Ports 3,4,5 at
CMOS output
option
-0.3
VDD+0.3
Input/output
voltage
VIO(2)
Ports 3,4,5 at N-ch
open drain output
option
-0.3
15
V
Peak
output
current
IOPH(1)
Ports 0,1,2,3,4,5
•CMOS output
•At each pin
-4
ΣIOAH(1)
Ports 0,1
Total all pins
-20
High
level
output
current
Total
output
current
ΣIOAH(2)
Ports 2,3,4,5
Total all pins
-20
IOPL(1)
Ports 0,1,2,3,4,5
At each pin
20
Peak
output
current
IOPL(2)
Port 70
At each pin
15
ΣIOAL(1)
Ports 0,1
Port 70
Total all pins
40
ΣIOAL(2)
Port 2
Total all pins
40
Low
level
output
current
Total
output
current
ΣIOAL(3)
Ports 3,4,5
Total all pins
80
mA
Pdmax(1)
DIP64S
Ta=-30 to +70
°C
670
Maximum power
dissipation
Pdmax(2)
QFP64E
Ta=-30 to +70
°C
420
mW
Operating
temperature
range
Topr
-30
+70
Storage
temperature
range
Tstg
-65
+150
°C


Similar Part No. - LC865632

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC865632 SANYO-LC865632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC865632 SANYO-LC865632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Similar Description - LC865632

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com