Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL2060HF Datasheet(PDF) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # SBL2060HF
Description  SCHOTTKY BARRIER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

SBL2060HF Datasheet(HTML) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  SBL2060HF Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL2060HF Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL2060HF Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL2060HF Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL2060HF Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL2060HF Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL2060HF Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
R
SBL2060
版本(Rev.):201003H
6/7
外形尺寸 PACKAGE MECHANICAL DATA
TO-220HF
单位 Unit :mm
E
φP
A
F
c
Q1
e
e
b
B1
Symbol
Min
Max
A
4.0
5.0
B1
0.87
1.27
b
0.72
0.92
c
0.5
0.70
D
15.0
16.5
D2
7.8
9.4
E
9.62
10.62
e
2.54(typ)
F
2.3
3.3
L
12.0
14.0
L2
3.1
3.5
ΦP
3.0
3.4
Q
3.15
3.55
Q1
2.2
2.5


Similar Part No. - SBL2060HF

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SBL2060C UTC-SBL2060C Datasheet
136Kb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SBL2060CFSH ZOWIE-SBL2060CFSH Datasheet
75Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SBL2060CG-TA3-T UTC-SBL2060CG-TA3-T Datasheet
136Kb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
SBL2060CG-TF3-T UTC-SBL2060CG-TF3-T Datasheet
136Kb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Mospec Semiconductor
SBL2060CL MOSPEC-SBL2060CL Datasheet
154Kb / 2P
   Switchmode Dual Schottky Barrier Power Rectifiers
More results

Similar Description - SBL2060HF

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com