Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL3040SZR Datasheet(PDF) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # SBL3040SZR
Description  SCHOTTKY BARRIER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

SBL3040SZR Datasheet(HTML) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  SBL3040SZR Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL3040SZR Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL3040SZR Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL3040SZR Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL3040SZR Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL3040SZR Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL3040SZR Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
R
SBL3040
S
版本
(Rev.):201003H
6/7
TO-3PB
单位 Unit :mm
Symbol
Min
Max
A
4.6
5.0
B
2.9
3.2
B1
1.9
2.2
b
0.9
1.10
c
0.5
0.70
D
19.4
20.4
E
15.4
15.8
e
5.45(typ)
F
1.4
1.60
L
19.5
20.5
L2
3.3
3.7
ΦP
3.1
3.5
Q
5.8
6.2
Q1
1.3
1.5
30°
30°
F
c
Q1
b
e
B
B1
E
A
φP
R
HBR3040
外形尺寸 PACKAGE MECHANICAL DATA


Similar Part No. - SBL3040SZR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SBL3040C UTC-SBL3040C Datasheet
30Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
SBL3040C-TA3-T UTC-SBL3040C-TA3-T Datasheet
30Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Zowie Technology Corpor...
SBL3040CF ZOWIE-SBL3040CF Datasheet
343Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SBL3040CFSH ZOWIE-SBL3040CFSH Datasheet
124Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SBL3040CL-TA3-T UTC-SBL3040CL-TA3-T Datasheet
30Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
More results

Similar Description - SBL3040SZR

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com