Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS150T Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS150T
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS150T Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS150T Datasheet HTML 1Page - Vectron International, Inc TFS150T Datasheet HTML 2Page - Vectron International, Inc TFS150T Datasheet HTML 3Page - Vectron International, Inc TFS150T Datasheet HTML 4Page - Vectron International, Inc TFS150T Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 150t.doc
Version 1.2
20.09.2005
VI TELEFILTER
Filter specification
TFS 150T
2/5
Filter characteristic
131
134.8
138.6
142.4
146.2
150
153.8
157.6
161.4
165.2
169
-80
-72
-64
-56
-48
-40
-32
-24
-16
-8
0
frequency in MHz
141
142.8
144.6
146.4
148.2
150
151.8
153.6
155.4
157.2
159
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
141
142.8
144.6
146.4
148.2
150
151.8
153.6
155.4
157.2
159
2.66
2.78
2.9
3.02
3.14
3.26
3.38
3.5
3.62
3.74
3.86
frequency in MHz
Construction and pin connection
(All dimensions in mm)
Date code
Date code: Year + week
T
2005
U
2006
V
2007
...
1
Ground
2
Input RF Return
3
Input
4
Ground
9,10,11,12
Ground
13
Ground
14
Output RF Return
15
Output
16
Ground
21,22,23,24 Ground
TFS 150T
T39
50 Ohm Test circuit
SAW
C
L
L
4
2
14
15
3
C
L
L
2
1, 4, 9, 10, 11, 12, 13, 16,
21, 22, 23, 24
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS150T

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS150 VECTRON-TFS150 Datasheet
173Kb / 5P
   Filter specification
TFS150AB VECTRON-TFS150AB Datasheet
197Kb / 5P
   Filter specification
TFS150AH VECTRON-TFS150AH Datasheet
192Kb / 5P
   Filter specification
TFS150AL VECTRON-TFS150AL Datasheet
154Kb / 5P
   Filter specification
TFS150AR VECTRON-TFS150AR Datasheet
87Kb / 5P
   Filter specification
More results

Similar Description - TFS150T

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com