Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC865504B Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC865504B
Description  8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865504B Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC865504B Datasheet HTML 7Page - Sanyo Semicon Device LC865504B Datasheet HTML 8Page - Sanyo Semicon Device LC865504B Datasheet HTML 9Page - Sanyo Semicon Device LC865504B Datasheet HTML 10Page - Sanyo Semicon Device LC865504B Datasheet HTML 11Page - Sanyo Semicon Device LC865504B Datasheet HTML 12Page - Sanyo Semicon Device LC865504B Datasheet HTML 13Page - Sanyo Semicon Device LC865504B Datasheet HTML 14Page - Sanyo Semicon Device LC865504B Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LC865520B/16B/12B/08B/04B
No.6697-11/21
2. Recommended Operating Range at Ta=-30
°C to +70°C, VSS=0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
VDD(1)
0.98
µs ≤ tCYC ≤ 400µs
4.5
6.0
Operating
Supply
voltage range
VDD(2)
VDD
3.9
µs ≤ tCYC ≤ 400µs
2.5
6.0
Hold voltage
VHD
VDD
RAM and register data
are kept in HOLD
mode.
2.0
6.0
VIH(1)
Port 0 of CMOS output Output disable
2.5 to 6.0 0.33VDD
+1.0
VDD
4.0 to 6.0 0.75VDD
13.5
VIH(2)
Port 0 of N-ch open
drain output
Output disable
2.5 to 4.0 0.8VDD
13.5
VIH(3)
• Port 1
• Ports 72,73
• Port 3 of CMOS
output
Output disable
2.5 to 6.0 0.75VDD
VDD
4.0 to 6.0 0.75VDD
13.5
VIH(4)
Port 3 of N-ch open
drain output
Output disable
2.5 to 4.0 0.8VDD
13.5
VIH(5)
• Port 70
Port input/interrupt
• Port 71
RES
Output disable
2.5 to 6.0 0.75VDD
VDD
VIH(6)
Port 70
Watchdog timer
Output disable
2.5 to 6.0 0.9VDD
VDD
Input high
voltage
VIH(7)
• Port 8
• Ports 74,75
• Output disable
• Using as port
2.5 to 6.0 0.75VDD
VDD
VIL(1)
Port 0 of CMOS output Output disable
2.5 to 6.0
VSS
0.2VDD
VIL(2)
Port 0 of N-ch open
drain output
Output disable
2.5 to 6.0
VSS
0.25VDD
VIL(3)
• Ports 1,3
• Ports 72,73
Output disable
2.5 to 6.0
VSS
0.25VDD
VIL(4)
• Port 70
Port input/interrupt
• Port 71
RES
Output disable
2.5 to 6.0
VSS
0.25VDD
VIL(5)
Port 70
Watchdog timer
Output disable
2.5 to 6.0
VSS
0.8VDD
to 1.0
Input low
voltage
VIL(6)
• Port 8
• Ports 74,75
• Output disable
• Using as port
2.5 to 6.0
VSS
0.25VDD
V
4.5 to 6.0
0.98
400
Operation
cycle time
tCYC
2.5 to 6.0
3.9
400
µs
FmCF(1)
CF1, CF2
• 6MHz
(ceramic resonator)
• Refer to figure 1
4.5 to 6.0
5.88
6
6.12
FmCF(2)
CF1, CF2
•3MHz
(ceramic resonator)
• Refer to figure 1
2.5 to 6.0
2.94
3
3.06
FmRC
Internal RC oscillation 2.5 to 6.0
0.3
0.8
3.0
MHz
Oscillation
frequency
range
(Note 1)
FsXtal
XT1, XT2
•32.768kHz
(crystal oscillation)
• Refer to figure 2
2.5 to 6.0
32.768
kHz
Continue.


Similar Part No. - LC865504B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC865504B SANYO-LC865504B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
More results

Similar Description - LC865504B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868116 SANYO-LC868116 Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com