Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC863340 Datasheet(PDF) 19 Page - Sanyo Semicon Device

Part # LC863340
Description  8-Bit Single Chip Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863340 Datasheet(HTML) 19 Page - Sanyo Semicon Device

Back Button LC863340 Datasheet HTML 12Page - Sanyo Semicon Device LC863340 Datasheet HTML 13Page - Sanyo Semicon Device LC863340 Datasheet HTML 14Page - Sanyo Semicon Device LC863340 Datasheet HTML 15Page - Sanyo Semicon Device LC863340 Datasheet HTML 16Page - Sanyo Semicon Device LC863340 Datasheet HTML 17Page - Sanyo Semicon Device LC863340 Datasheet HTML 18Page - Sanyo Semicon Device LC863340 Datasheet HTML 19Page - Sanyo Semicon Device LC863340 Datasheet HTML 20Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
LC863364/56/48/40A
No.6696-19/20
Output impedance of C-Video before Noise filter should be less then 100
Ω.
Figure 8
CVIN recommended circuit
Figure 9
FILT recommended circuit
(Note)
Place FILT parts on board as close to the microcontroller as possible.
S : start condition
tsp : Spike suppression
Standard mode : not exist
P : stop condition
High speed mode : less than 50ns
Sr : restart condition
Figure 10
IIC timing
200
C-Video
1000pF
1
µF
CVIN
Noise filter
Coupling capacitor
FILT
100
1M
2.2
µF
33000pF
+
-
SDA
SCL
P
S
Sr
P
tBUF
tHD;STA
tR
tLOW
tHD;DAT
tHIGH
tF
tSU;DAT
tSU;STA
tHD;STA
tsp
tSU;STO


Similar Part No. - LC863340

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863340C SANYO-LC863340C Datasheet
160Kb / 21P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC863340

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com