Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB27A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # P6SMB27A
Description  SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

P6SMB27A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  P6SMB27A Datasheet HTML 1Page - Central Semiconductor Corp P6SMB27A Datasheet HTML 2Page - Central Semiconductor Corp P6SMB27A Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P6SMB6.8A
THRU
P6SMB250A
SURFACE MOUNT
UNI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
SILICON TRANSIENT
VOLTAGE SUPPRESSOR
600 WATTS, 6.8 THRU 250 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR P6SMB6.8A
Series types are Surface Mount Uni-Directional Glass
Passivated Junction Transient Voltage Suppressors
designed to protect voltage sensitive components from
high voltage transients.
THIS DEVICE IS MANUFACTURED WITH A GLASS
PASSIVATED CHIP FOR OPTIMUM RELIABILITY.
Note: For Bi-directional devices, please refer to the
P6SMB6.8CA Series data sheet.
MARKING CODE: SEE ELECTRICAL
CHARACTERISTICS TABLE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Power Dissipation (Note 1)
PDM
600
W
Peak Forward Surge Current (JEDEC Method)
IFSM
100
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
• This series is UL listed, UL file number E130224
TYPE
BREAKDOWN
VOLTAGE
VBR @ IT
TEST
CURRENT
WORKING
PEAK
REVERSE
VOLTAGE
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@ VRWM
MAXIMUM
REVERSE
SURGE
CURRENT
(Note 1)
MAXIMUM
REVERSE
VOLTAGE
@ IRSM
MAXIMUM
TEMPERATURE
COEFFICIENT
MARKING
CODE
MIN
(V)
NOM
(V)
MAX
(V)
IT
(mA)
VRWM
(V)
IR
(µA)
IRSM
(A)
VRSM
(V)
ΘV
BR
(% / °C)
P6SMB6.8A
6.45
6.8
7.14
10
5.8
1000
57
10.5
0.057
C6V8A
P6SMB7.5A
7.13
7.5
7.88
10
6.4
500
53
11.3
0.061
C7V5A
P6SMB8.2A
7.79
8.2
8.61
10
7.02
200
50
12.1
0.065
C8V2A
P6SMB9.1A
8.65
9.1
9.55
1.0
7.78
50
45
13.4
0.068
C9V1A
P6SMB10A
9.5
10
10.5
1.0
8.55
10
41
14.5
0.073
C10A
P6SMB11A
10.5
11
11.6
1.0
9.4
5.0
38
15.6
0.075
C11A
P6SMB12A
11.4
12
12.6
1.0
10.2
5.0
36
16.7
0.078
C12A
P6SMB13A
12.4
13
13.7
1.0
11.1
5.0
33
18.2
0.081
C13A
P6SMB15A
14.3
15
15.8
1.0
12.8
5.0
28
21.2
0.084
C15A
P6SMB16A
15.2
16
16.8
1.0
13.6
5.0
27
22.5
0.086
C16A
P6SMB18A
17.1
18
18.9
1.0
15.3
5.0
24
25.2
0.088
C18A
P6SMB20A
19
20
21
1.0
17.1
5.0
22
27.7
0.090
C20A
P6SMB22A
20.9
22
23.1
1.0
18.8
5.0
20
30.6
0.092
C22A
P6SMB24A
22.8
24
25.2
1.0
20.5
5.0
18
33.2
0.094
C24A
P6SMB27A
25.7
27
28.4
1.0
23.1
5.0
16
37.5
0.096
C27A
P6SMB30A
28.5
30
31.5
1.0
25.6
5.0
14.4
41.4
0.097
C30A
P6SMB33A
31.4
33
34.7
1.0
28.2
5.0
13.2
45.7
0.098
C33A
P6SMB36A
34.2
36
37.8
1.0
30.8
5.0
12
49.9
0.099
C36A
P6SMB39A
37.1
39
41
1.0
33.3
5.0
11.2
53.9
0.100
C39A
Notes: (1) Non-repetitive 10x1,000µs pulse.
SMB CASE
R5 (1-March 2010)
www.centr a lsemi.com


Similar Part No. - P6SMB27A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6SMB27A VISHAY-P6SMB27A Datasheet
109Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 06-Jun-14
logo
Central Semiconductor C...
P6SMB27A CENTRAL-P6SMB27A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Shenzhen Luguang Electr...
P6SMB27A LUGUANG-P6SMB27A Datasheet
1Mb / 3P
   Transient Voltage Suppressors
logo
Littelfuse
P6SMB27A LITTELFUSE-P6SMB27A Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
logo
Nantong Hornby Electron...
P6SMB27A HORNBY-P6SMB27A Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - P6SMB27A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMB5.0A CENTRAL-1SMB5.0A_09 Datasheet
678Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1SMC5.0A CENTRAL-1SMC5.0A_09 Datasheet
666Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
1.5SMC6.8A CENTRAL-1.5SMC6.8A_09 Datasheet
662Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
3SMC5.0A CENTRAL-3SMC5.0A_09 Datasheet
663Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
P6SMB6.8CA CENTRAL-P6SMB6.8CA_10 Datasheet
839Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1SMB5.0CA CENTRAL-1SMB5.0CA_09 Datasheet
799Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
P6SMB68A CENTRAL-P6SMB68A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
1SMC5.0CA CENTRAL-1SMC5.0CA_09 Datasheet
662Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
3SMC5.0CA CENTRAL-3SMC5.0CA_09 Datasheet
663Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com