Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS130A Datasheet(PDF) 5 Page - Vectron International, Inc

Part # TFS130A
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS130A Datasheet(HTML) 5 Page - Vectron International, Inc

  TFS130A_05 Datasheet HTML 1Page - Vectron International, Inc TFS130A_05 Datasheet HTML 2Page - Vectron International, Inc TFS130A_05 Datasheet HTML 3Page - Vectron International, Inc TFS130A_05 Datasheet HTML 4Page - Vectron International, Inc TFS130A_05 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Filename: tfs 130a.doc
Version 1.6
09.11.2005
VI TELEFILTER
Filter specification
TFS 130A
5/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
History
Version
Reason of Changes
Name
Date
1.0
Generation of preliminary specification according to customer requirements.
Dunzow W.
03.05.1999
1.1
Generation of filter specification.
Dunzow W.
18.06.1999
Add typical values.
1.2
Correct termination impedances.
Dunzow W.
17.05.2002
Change drawing of matching networks.
Change tolerance values of mean value of group delay.
Change marking of package.
1.3
Change marking of package.
Springfeldt M.
30.03.2004
1.4
- labelling changed
Pfeiffer
17.08.2004
- filter characteristic added
- change remark
- remove centre frequency
- Change tolerance values of mean value of group delay back to version 1.1
1.5
- labelling corrected
Steiner
03.09.2004
1.6
- pinning corrected
Pfeiffer
09.11.2005
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS130A_05

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS130A VECTRON-TFS130A Datasheet
208Kb / 5P
   Filter specification
More results

Similar Description - TFS130A_05

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com