Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC863432A Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC863432A
Description  8-Bit Single-Chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863432A Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC863432A Datasheet HTML 6Page - Sanyo Semicon Device LC863432A Datasheet HTML 7Page - Sanyo Semicon Device LC863432A Datasheet HTML 8Page - Sanyo Semicon Device LC863432A Datasheet HTML 9Page - Sanyo Semicon Device LC863432A Datasheet HTML 10Page - Sanyo Semicon Device LC863432A Datasheet HTML 11Page - Sanyo Semicon Device LC863432A Datasheet HTML 12Page - Sanyo Semicon Device LC863432A Datasheet HTML 13Page - Sanyo Semicon Device LC863432A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LC863432A/28A/24A/20A/16A
No.6846-10/19
2. Recommended Operating Range at Ta=-10
°C to +70°C, VSS=0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
VDD(1)
0.844
µs ≤ tCYC
≤ 0.852µs
4.5
5.5
Operating
supply voltage
range
VDD(2)
VDD
4
µs ≤ tCYC
400
µs
4.5
5.5
Hold voltage
VHD
VDD
RAMs and the
registers data are
kept in HOLD
mode.
2.0
5.5
VIH(1)
Port 0
Output disable
4.5 to 5.5 0.6VDD
VDD
VIH(2)
•Ports 1,3 (Schumitt)
•Port 7 (Schumitt)
port input/interrupt
• HS , VS , RES
(Schumitt)
Output disable
4.5 to 5.5 0.75VDD
VDD
High level
input voltage
VIH(3)
Port 70
Watchdog timer input
Output disable
4.5 to 5.5 VDD-0.5
VDD
VIL(1)
Port 0
Output disable
4.5 to 5.5
VSS
0.2VDD
VIL(2)
•Ports 1,3 (Schumitt)
•Port 7 (Schumitt)
port input/interrupt
• HS , VS , RES
(Schumitt)
Output disable
4.5 to 5.5
VSS
0.25VDD
Low level
input voltage
VIL(3)
Port 70
Watchdog timer input
Output disable
4.5 to 5.5
VSS
0.6VDD
V
CVIN
VCVIN
CVIN
5.0
0.7Vp-p
1Vp-p
1.4Vp-p
Vp-p
*
tCYC(1)
•All functions
operating
4.5 to 5.5
0.844
0.848
0.852
tCYC(2)
•AD converter
operating
•OSD and Data
slicer are not
operating
4.5 to 5.5
0.844
30
Operation
cycle time
tCYC(3)
•OSD, AD
converter and
Data slicer are
not operating
4.5 to 5.5
0.844
400
µs
Oscillation
frequency
range
FmRC
Internal RC
oscillation
4.5 to 5.5
0.4
0.8
3.0
MHz
* Vp-p : Peak-to-peak voltage


Similar Part No. - LC863432A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863432B SANYO-LC863432B Datasheet
528Kb / 17P
   8-bit 1-chip Microcontroller
LC863432C SANYO-LC863432C Datasheet
126Kb / 18P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC863432A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com