Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CZTA42_10 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CZTA42_10
Description  SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 1 page
background image
CZTA42 NPN
CZTA92 PNP
SURFACE MOUNT
COMPLEMENTARY
HIGH VOLTAGE
SILICON TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZTA42, CZTA92
types are complementary surface mount epoxy molded
silicon planar epitaxial transistors designed for high
voltage applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
CZTA42
CZTA92
UNITS
Collector-Base Voltage
VCBO
300
300
V
Collector-Emitter Voltage
VCEO
300
300
V
Emitter-Base Voltage
VEBO
6.0
5.0
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CZTA42
CZTA92
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN MAX
UNITS
ICBO
VCB=200V
-
100
-
250
nA
IEBO
VBE=6.0V
-
100
-
-
nA
IEBO
VBE=3.0V
-
-
-
100
nA
BVCBO
IC=100µA
300
-
300
-
V
BVCEO
IC=1.0mA
300
-
300
-
V
BVEBO
IE=100µA
6.0
-
5.0
-
V
VCE(SAT)
IC=20mA, IB=2.0mA
-
0.5
-
0.5
V
VBE(SAT)
IC=20mA, IB=2.0mA
-
0.9
-
0.9
V
hFE
VCE=10V, IC=1.0mA
25
-
25
-
hFE
VCE=10V, IC=10mA
40
-
40
-
hFE
VCE=10V, IC=30mA
40
-
25
-
fT
VCE=20V, IC=10mA, f=100MHz
50
-
50
-
MHz
Cob
VCB=20V, IE=0, f=1.0MHz
-
3.0
-
6.0
pF
SOT-223 CASE
SOT-223 CASE
R3 (1-March 2010)
www.centra lsemi.com




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl