Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CZT5551_10 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CZT5551_10
Description  SURFACE MOUNT NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 1 page
background image
CZT5551
SURFACE MOUNT
NPN SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT5551 type
is an NPN silicon transistor manufactured by the
epitaxial planar process, epoxy molded in a surface
mount package, designed for high voltage amplifier
applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
180
V
Collector-Emitter Voltage
VCEO
160
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
600
mA
Power Dissipation
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=120V
50
nA
ICBO
VCB=120V, TA=100°C
50
μA
IEBO
VEB=4.0V
50
nA
BVCBO
IC=100μA
180
V
BVCEO
IC=1.0mA
160
V
BVEBO
IE=10μA
6.0
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.15
V
VCE(SAT)
IC=50mA, IB=5.0mA
0.20
V
VBE(SAT)
IC=10mA, IB=1.0mA
1.00
V
VBE(SAT)
IC=50mA, IB=5.0mA
1.00
V
SOT-223 CASE
SOT-223 CASE
R4 (1-March 2010)
www.centr a lsemi.com




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl