Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBT253501 Datasheet(PDF) 4 Page - SIPAT Co,Ltd

Part # LBT253501
Description  2535MHz SAW Filter 70MHz Bandwidth
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT253501 Datasheet(HTML) 4 Page - SIPAT Co,Ltd

  LBT253501 Datasheet HTML 1Page - SIPAT Co,Ltd LBT253501 Datasheet HTML 2Page - SIPAT Co,Ltd LBT253501 Datasheet HTML 3Page - SIPAT Co,Ltd LBT253501 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBT253501
Rev. Date
2011-01-04
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 4/4
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
2535MHz SAW Filter
70MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT253501
Reflections Functions
VSWR11
VSWR22
S11
S22


Similar Part No. - LBT253501

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT25003 SIPAT-LBT25003 Datasheet
149Kb / 3P
   250MHz SAW Filter 8MHz Bandwidth
LBT25003 SIPAT-LBT25003 Datasheet
149Kb / 3P
   250MHz SAW Filter 8MHz Bandwidth
LBT25004 SIPAT-LBT25004 Datasheet
201Kb / 3P
   250MHz SAW Filter 3MHz Bandwidth
LBT25004 SIPAT-LBT25004 Datasheet
201Kb / 3P
   250MHz SAW Filter 3MHz Bandwidth
More results

Similar Description - LBT253501

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1465A TAI-SAW-TA1465A Datasheet
208Kb / 8P
   SAW Filter 2535MHz
logo
SIPAT Co,Ltd
LBN07091 SIPAT-LBN07091 Datasheet
264Kb / 3P
   70MHz SAW Filter 12.4MHz Bandwidth
LBN07095 SIPAT-LBN07095 Datasheet
276Kb / 3P
   70MHz SAW Filter 18.6MHz Bandwidth
LBN07097 SIPAT-LBN07097 Datasheet
158Kb / 3P
   70MHz SAW Filter 13.35MHz Bandwidth
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
   2.5MHz SAW Filter 70MHz Bandwidth
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
   70MHz SAW Filter 27MHz Bandwidth
LBN70A27 SIPAT-LBN70A27 Datasheet
295Kb / 3P
   70MHz SAW Filter 8MHz Bandwidth
LBN7049 SIPAT-LBN7049 Datasheet
140Kb / 3P
   70MHz SAW Filter 25.58MHz Bandwidth
LBN07076 SIPAT-LBN07076 Datasheet
140Kb / 3P
   70MHz SAW Filter 25MHz Bandwidth
LBN07098 SIPAT-LBN07098 Datasheet
288Kb / 3P
   70MHz SAW Filter 8MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com