Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBT83703 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBT83703
Description  837MHz SAW Filter 25MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT83703 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBT83703 Datasheet HTML 1Page - SIPAT Co,Ltd LBT83703 Datasheet HTML 2Page - SIPAT Co,Ltd LBT83703 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT83703
Rev. Date
2009-09-28
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
837MHz SAW Filter
25MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT83703
Typical Performance
Frequency Respond
Passband Respond
740
760
780
800
820
840
860
880
900
920
-91.4431
-81.4431
-71.4431
-61.4431
-51.4431
-41.4431
-31.4431
-21.4431
-11.4431
-1.4431
8.5569
Type Performance
Frequency(MHz)
800
810
820
830
840
850
860
870
-3.9431
-3.4431
-2.9431
-2.4431
-1.9431
-1.4431
-0.9431
-0.4431
0.0569
Type Performance
Frequency(MHz)
Horizontal: 20MHz/Div
Vertical: 10dB/Div
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±12.5MHz)
Phase Linearity(f0±12.5MHz)
810
820
830
840
850
860
-80
-60
-40
-20
0
20
40
60
80
100
120
140
X: 836.5
Y: 33.7
Type Performance
Frequency(MHz)
X: 824
Y: 49.82
X: 849
Y: 48.58
810
820
830
840
850
860
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
X: 824
Y: 8.072
Type Performance
Frequency(MHz)
X: 849
Y: 6.197
X: 836.6
Y: -4.235
Horizontal: 10MHz/Div
Vertical: 20ns/Div
Horizontal: 10MHz/Div
Vertical: 10deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBT83703

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT83703 SIPAT-LBT83703 Datasheet
200Kb / 3P
   837MHz SAW Filter 25MHz Bandwidth
More results

Similar Description - LBT83703

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT83703 SIPAT-LBT83703 Datasheet
200Kb / 3P
   837MHz SAW Filter 25MHz Bandwidth
LBN09610 SIPAT-LBN09610 Datasheet
148Kb / 3P
   96MHz SAW Filter 25MHz Bandwidth
LBN07702 SIPAT-LBN07702 Datasheet
142Kb / 3P
   76.8MHz SAW Filter 25MHz Bandwidth
LBN14047 SIPAT-LBN14047_10 Datasheet
150Kb / 3P
   140MHz SAW Filter 25MHz Bandwidth
LBN16051 SIPAT-LBN16051 Datasheet
193Kb / 3P
   160MHz SAW Filter 25MHz Bandwidth
LBT83704 SIPAT-LBT83704 Datasheet
128Kb / 3P
   836.5MHz SAW Filter 25MHz Bandwidth
LBN16051 SIPAT-LBN16051 Datasheet
193Kb / 3P
   160MHz SAW Filter 25MHz Bandwidth
LBN12205 SIPAT-LBN12205 Datasheet
160Kb / 4P
   121.8MHz SAW Filter 25MHz Bandwidth
LBN14085 SIPAT-LBN14085 Datasheet
144Kb / 3P
   140MHz SAW Filter 25MHz Bandwidth
LBN12205 SIPAT-LBN12205 Datasheet
165Kb / 4P
   121.8MHz SAW Filter 25MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com