Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBT83002 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBT83002
Description  830.05MHz SAW Filter 9MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT83002 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBT83002 Datasheet HTML 1Page - SIPAT Co,Ltd LBT83002 Datasheet HTML 2Page - SIPAT Co,Ltd LBT83002 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT83002
Rev. Date
2008-07-29
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
830.05MHz SAW Filter
9MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT83002
Typical Performance
Frequency Respond
Passband Respond
740
760
780
800
820
840
860
880
900
920
-91.6478
-81.6478
-71.6478
-61.6478
-51.6478
-41.6478
-31.6478
-21.6478
-11.6478
-1.6478
8.3522
Type Performance
Frequency(MHz)
810
815
820
825
830
835
840
845
850
-4.1478
-3.6478
-3.1478
-2.6478
-2.1478
-1.6478
-1.1478
-0.6478
-0.1478
Type Performance
Frequency(MHz)
Horizontal: 20MHz/Div
Vertical: 10dB/Div
Horizontal: 5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±4.5MHz)
Phase Linearity(f0±4.5MHz)
815
820
825
830
835
840
845
850
-100
-50
0
50
100
150
200
X: 830
Y: 56.07
Type Performance
Frequency(MHz)
X: 834.5
Y: 55.86
X: 825.5
Y: 90.04
815
820
825
830
835
840
845
850
-100
-80
-60
-40
-20
0
20
40
60
80
X: 834.5
Y: 5.638
Type Performance
Frequency(MHz)
X: 825.5
Y: 5.249
X: 830
Y: -4.989
Horizontal: 5MHz/Div
Vertical: 50ns/Div
Horizontal: 5MHz/Div
Vertical: 20deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBT83002

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT83002 SIPAT-LBT83002 Datasheet
198Kb / 3P
   830.05MHz SAW Filter 9MHz Bandwidth
More results

Similar Description - LBT83002

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT83002 SIPAT-LBT83002 Datasheet
198Kb / 3P
   830.05MHz SAW Filter 9MHz Bandwidth
LBT24002 SIPAT-LBT24002 Datasheet
141Kb / 3P
   240MHz SAW Filter 9MHz Bandwidth
LBT45603 SIPAT-LBT45603 Datasheet
190Kb / 3P
   455.9MHz SAW Filter 9MHz Bandwidth
LBT20004 SIPAT-LBT20004 Datasheet
146Kb / 3P
   200MHz SAW Filter 9MHz Bandwidth
LBN11566 SIPAT-LBN11566 Datasheet
193Kb / 3P
   115MHz SAW Filter 9MHz Bandwidth
LBT70A73 SIPAT-LBT70A73 Datasheet
151Kb / 3P
   70MHz SAW Filter 9MHz Bandwidth
LBT11567 SIPAT-LBT11567 Datasheet
150Kb / 3P
   115MHz SAW Filter 9MHz Bandwidth
LBT24002 SIPAT-LBT24002 Datasheet
147Kb / 3P
   240MHz SAW Filter 9MHz Bandwidth
LBN70A21 SIPAT-LBN70A21 Datasheet
281Kb / 3P
   70MHz SAW Filter 9MHz Bandwidth
LBT14050 SIPAT-LBT14050 Datasheet
280Kb / 3P
   140MHz SAW Filter 9MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com