Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBT42301 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBT42301
Description  422.5MHz SAW Filter 6MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT42301 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBT42301 Datasheet HTML 1Page - SIPAT Co,Ltd LBT42301 Datasheet HTML 2Page - SIPAT Co,Ltd LBT42301 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT42301
Rev. Date
2008-07-22
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 2/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
422.5MHz SAW Filter
6MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT42301
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
Package Dimension
Package: SMD5.0*5.0
Unit: mm
Pad Configuration:
Input:
2
Output:
6
Ground: All Others
Marking Configuration:
1) •: Pad Number 1 Index
2) SIPAT: Manufacturer Name
3) 42301: Part Number
4) XXYY: Date(Year/month)
5) ZZ: Identified Code
INPUT
OUTPUT
50Ω
50Ω
1.20 0.15
0.6 0.1
1
2
3
6
5
7
8
4
5.0 0.2
1.5MAX
1.0 0.1
1


Similar Part No. - LBT42301

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT42301 SIPAT-LBT42301 Datasheet
194Kb / 3P
   422.5MHz SAW Filter 6MHz Bandwidth
More results

Similar Description - LBT42301

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT42301 SIPAT-LBT42301 Datasheet
194Kb / 3P
   422.5MHz SAW Filter 6MHz Bandwidth
LBT42304 SIPAT-LBT42304 Datasheet
168Kb / 3P
   422.5MHz SAW Filter 5MHz Bandwidth
LBT42305 SIPAT-LBT42305 Datasheet
348Kb / 3P
   422.5MHz SAW Filter 5MHz Bandwidth
LBS13405 SIPAT-LBS13405 Datasheet
148Kb / 3P
   133.9MHz SAW Filter 6MHz Bandwidth
LB140DS32 SIPAT-LB140DS32 Datasheet
178Kb / 3P
   140MHz SAW Filter 6MHz Bandwidth
LBT14078 SIPAT-LBT14078 Datasheet
283Kb / 3P
   140MHz SAW Filter 6MHz Bandwidth
LBS12044 SIPAT-LBS12044 Datasheet
133Kb / 3P
   120MHz SAW Filter 6MHz Bandwidth
LBT12005 SIPAT-LBT12005 Datasheet
149Kb / 3P
   120MHz SAW Filter 6MHz Bandwidth
LBT10603 SIPAT-LBT10603 Datasheet
149Kb / 3P
   106.2MHz SAW Filter 6MHz Bandwidth
LBT11521 SIPAT-LBT11521 Datasheet
145Kb / 3P
   115MHz SAW Filter 6MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com