Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBT20405 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBT20405
Description  204MHz SAW Filter 5MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT20405 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBT20405 Datasheet HTML 1Page - SIPAT Co,Ltd LBT20405 Datasheet HTML 2Page - SIPAT Co,Ltd LBT20405 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT20405
Rev. Date
2009-01-22
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 2/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
204MHz SAW Filter
5MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT20405
Matching Configuration
L1=56nH L2=47nH
C1=36pF C2=33pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
Package Dimension
Package: SMD13.3*6.5
Unit: mm
Pad Configuration:
Input:
10
Output:
5
Ground:
All Others
Marking Configuration:
1) •: Pad Number 1 Index
2) SIPAT: Manufacturer Name
3) LBT20405: Part Number
4) XXYY: Date(Year/month)
5) ZZ: Identified Code
C1
INPUT
OUTPUT
50Ω
50Ω
L1
L2
C2
13.3
+0.2
-0.1
0.4
1.02
0.6
1.91
SIPAT
LBT20405
XXYYZZ


Similar Part No. - LBT20405

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT20405 SIPAT-LBT20405 Datasheet
154Kb / 3P
   204MHz SAW Filter 5MHz Bandwidth
More results

Similar Description - LBT20405

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT20405 SIPAT-LBT20405 Datasheet
154Kb / 3P
   204MHz SAW Filter 5MHz Bandwidth
LBS20402 SIPAT-LBS20402 Datasheet
281Kb / 3P
   204MHz SAW Filter 2MHz Bandwidth
LBS20404 SIPAT-LBS20404 Datasheet
285Kb / 3P
   204MHz SAW Filter 1MHz Bandwidth
LBS20402 SIPAT-LBS20402 Datasheet
287Kb / 3P
   204MHz SAW Filter 2MHz Bandwidth
LBS20404 SIPAT-LBS20404 Datasheet
336Kb / 3P
   204MHz SAW Filter 1MHz Bandwidth
LBS20403 SIPAT-LBS20403 Datasheet
192Kb / 3P
   204MHz SAW Filter 6MHz Bandwidth
LBS20403 SIPAT-LBS20403 Datasheet
142Kb / 3P
   204MHz SAW Filter 6MHz Bandwidth
LBT7030 SIPAT-LBT7030 Datasheet
144Kb / 3P
   70MHz SAW Filter 5MHz Bandwidth
LBS14094 SIPAT-LBS14094 Datasheet
143Kb / 3P
   140MHz SAW Filter 5MHz Bandwidth
LBS14701 SIPAT-LBS14701 Datasheet
139Kb / 3P
   147.5MHz SAW Filter 5MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com