Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82A525R Datasheet(PDF) 69 Page - Holtek Semiconductor Inc

Part # HT82A525R
Description  I/O Type USB 8-Bit OTP MCU with SPI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82A525R Datasheet(HTML) 69 Page - Holtek Semiconductor Inc

Back Button HT82A525R Datasheet HTML 63Page - Holtek Semiconductor Inc HT82A525R Datasheet HTML 64Page - Holtek Semiconductor Inc HT82A525R Datasheet HTML 65Page - Holtek Semiconductor Inc HT82A525R Datasheet HTML 66Page - Holtek Semiconductor Inc HT82A525R Datasheet HTML 67Page - Holtek Semiconductor Inc HT82A525R Datasheet HTML 68Page - Holtek Semiconductor Inc HT82A525R Datasheet HTML 69Page - Holtek Semiconductor Inc HT82A525R Datasheet HTML 70Page - Holtek Semiconductor Inc HT82A525R Datasheet HTML 71Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 69 / 71 page
background image
ReelDimensions
SSOP 24S(150mil)
Symbol
Description
Dimensionsinmm
A
ReelOuterDiameter
330.0
±1.0
B
ReelInnerDiameter
100.0
±1.5
C
SpindleHoleDiameter
13.0
+0.5/-0.2
D
KeySlitWidth
2.0
±0.5
T1
SpaceBetweenFlange
16.8
+0.3/-0.2
T2
ReelThickness
22.2
±0.2
HT82A525R
I/OType USB 8-Bit OTP MCU with SPI
Rev.1.30
69
January14,2011
A
C
B
T 1
T 2
D


Similar Part No. - HT82A525R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_16 Datasheet
385Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
More results

Similar Description - HT82A525R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_16 Datasheet
385Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
HT82K70E-L HOLTEK-HT82K70E-L Datasheet
417Kb / 58P
   I/O Type 8-Bit OTP MCU
HT82M75R HOLTEK-HT82M75R Datasheet
474Kb / 66P
   I/O Type 8-Bit OTP MCU
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com