Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82A525R Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT82A525R
Description  I/O Type USB 8-Bit OTP MCU with SPI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82A525R Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT82A525R Datasheet HTML 2Page - Holtek Semiconductor Inc HT82A525R Datasheet HTML 3Page - Holtek Semiconductor Inc HT82A525R Datasheet HTML 4Page - Holtek Semiconductor Inc HT82A525R Datasheet HTML 5Page - Holtek Semiconductor Inc HT82A525R Datasheet HTML 6Page - Holtek Semiconductor Inc HT82A525R Datasheet HTML 7Page - Holtek Semiconductor Inc HT82A525R Datasheet HTML 8Page - Holtek Semiconductor Inc HT82A525R Datasheet HTML 9Page - Holtek Semiconductor Inc HT82A525R Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
D.C.Characteristics
Ta=25
°C
Symbol
Parameter
TestConditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
OperatingVoltage
¾
fSYS=6MHz
3.3
¾
5.5
V
fSYS=12MHz
4.5
¾
5.5
V
VDDIO
OperatingVoltageforI/OPorts
¾
¾
3.3
¾
VDD
V
IDD1
OperatingCurrent(6MHzCrystal)
5V
Noload, fSYS=6MHz
¾
4
8
mA
IDD2
OperatingCurrent
(12MHzCrystaland HIRC)
5V
Noload, fSYS=12MHz
¾
7.5
16
mA
ISTB1
StandbyCurrent1
5V
Noload,systemHALT,
USB mode, LVR disable,
WDT disable,
ClrV33O[USC.4],
Clr PLL [USC.5],
ClrSELPS2[USC.6],
Clr USBCKEN [UCC.3],
SetSUSP2[UCC.4],
Set RCtrl [UCC.7],
Set CLK_adj[PSD.4]
¾
¾
350
mA
ISTB2
StandbyCurrent2
5V
Noload,systemHALT,
PS2(I/O)mode,
LVR disable,
WDT disable,
ClrV33O[USC.4],
Clr PLL [USC.5],
SetSELPS2[USC.6],
Clr USBCKEN [UCC.3],
SetSUSP2[UCC.4],
Clr RCtrl [UCC.7],
CLR CLK_adj[PSD.4]
¾
¾
10
mA
VIL1
InputLowVoltageforI/OPorts
¾
¾
0
¾
0.3VDDIO
V
VIH1
InputHighVoltageforI/OPorts
¾
¾
0.7VDDIO
¾
VDDIO
V
VIL2
InputLowVoltage(RES)
¾
¾
0
¾
0.4VDD
V
VIH2
InputHighVoltage(RES)
¾
¾
0.9VDD
¾
VDD
V
IOL1
I/O Port Sink Current for PA, PB, PC,
PD,PE
¾
VOL=0.1VDDIO,
VDDIO=3.3V
2
5
¾
mA
IOL2
I/OPortSinkCurrentforPF0,PF1
¾ VOL=0.1VDD, VDD=5V
2
5
¾
mA
IOH1
I/OPortSourceCurrentforPA,PB,
PC, PD,PE
¾
VOH=0.9VDDIO,
VDDIO=3.3V
-2
-5
¾
mA
IOH2
I/O Port Source Current for PF0, PF1 5V
VOH=0.9VDD
-2
-5
¾
mA
RPH1
Pull-highResistanceforPA,PB,
PC, PD,PE
¾ VDDIO=3.3V
40
60
80
k
W
RPH2
Pull-highResistanceforPF0,PF1
5V
¾
10
30
50
k
W
VLVR
LowVoltageResetVoltage
¾
¾
2.0
2.2
2.4
V
Rev.1.30
6
January14,2011
HT82A525R
I/OType USB 8-Bit OTP MCU with SPI


Similar Part No. - HT82A525R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_16 Datasheet
385Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
More results

Similar Description - HT82A525R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_16 Datasheet
385Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
HT82K70E-L HOLTEK-HT82K70E-L Datasheet
417Kb / 58P
   I/O Type 8-Bit OTP MCU
HT82M75R HOLTEK-HT82M75R Datasheet
474Kb / 66P
   I/O Type 8-Bit OTP MCU
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com