Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HT48R01T3 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part No. HT48R01T3
Description  8-Bit OTP MCU with RF Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01T3 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT48R01T3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
MCU Features
· MCU Operating voltage:
fSYS= 4MHz: 2.2V~3.6V
fSYS= 8MHz: 3.0V~3.6V
· Power Down modes and wake-up functions to reduce power consumption
· Oscillator types
- External high frequency Crystal
- External RC
- Internal RC
- External low frequency crystal
- Watchdog Timer Internal RC Oscillator
· Three operational modes: Normal, Slow, Sleep
· Fully integrated internal 4MHz, 8MHz oscillator requires no external components
· OTP Program Memory: 1K
´15
· RAM Data Memory: 96
´8
· Watchdog Timer function
· All instructions executed in one or two instruction cycles
· Table read instructions
· 63 powerful instructions
· 6-level subroutine nesting
· Bit manipulation instruction
· Low voltage reset function
· 16-pin NSOP package type
· Up to 8 bidirectional I/O lines
· 4 channel 12-bit ADC
· 1 channel 8-bit PWM
· External interrupt input shared with an I/O line
· Two 8-bit programmable Timer/Event Counter with overflow interrupt and prescaler
· Time-Base function
· Programmable Frequency Divider - PFD
RF Transmitter Features
· Complete UHF ASK/OOK transmitter
· Frequency range 300MHz to 450MHz
· Data rates more than 10k bps
· Output Power up to 10dBm
· Low voltage operation - down to 2.2V
· Data tracking function for power saving
· Reference clock output for MCU IRC clock synchronisation
HT46R01T3/HT48R01T3
8-Bit OTP MCU with RF Transmitter
Rev. 1.30
1
November 23, 2010


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn