Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HT48R01T3 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part No. HT48R01T3
Description  8-Bit OTP MCU with RF Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01T3 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT48R01T3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
RF Transmitter Electrical Characteristics
Specifications apply for AVDD=3.0V, Ta = 25
°C, Freq X¢tal OSC=13.560MHz, DATA is
transmitting. Bold values indicate -20
°Cto70°C unless otherwise noted. 1kbps data rate 50% duty
cycle. RL 50
W load (matched)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
AVDD
Conditions
II
Data High Current
3V
@315MHz, POUT=+10dBm
¾
12.5
¾
mA
@433.92MHz
¾
12.5
¾
mA
IO
Data Low Current
3V
@315MHz
¾
3.0
¾
mA
@433.92 MHz
¾
3.0
¾
mA
ISTB
EN Low & DIN Low Current
3V
@315MHz
¾
1.0
¾mA
@433.92 MHz
¾
1.0
¾mA
RF and Crystal
Output power level
3.3V
@315MHz *
¾
9.5
¾
dBm
@433.92MHz *
¾
9.5
¾
dBm
Harmonics output for 315 MHz
3V
@630MHz, 2nd harm
¾-48
¾
dBc
@945MHz, 3rd harm
¾-60
¾
dBc
Harmonics Output for 433.92MHz
3V
@867.84MHz, 2nd harm
¾-45
¾
dBc
@1301.76MHz, 3rd harm
¾-55
¾
dBc
Extinction Ratio for ASK 10Kbps
3V
¾¾
70
¾
dBc
Data Rate
3V
¾
10
¾¾
kbps
Occupied Bandwidth
3V
@315MHz
¾
<900
¾
kHz
@433.92MHz
¾
<1000
¾
kHz
315MHz Single Side Band Phase
Noise
3V
100kHz from Carrier
¾-78
¾
dBc/Hz
1000kHz from Carrier
¾-77
¾
dBc/Hz
433.92MHz Single Side Band
Phase Noise
3V
100kHz from Carrier
¾-78
¾
dBc/Hz
1000kHz from Carrier
¾-76
¾
dBc/Hz
XTLIN, XTLOUT
3V
Pin capacitance
¾
2
¾
pF
Output Blanking
3V
Standby transition from low
to high **
¾
500
¾ms
ASK to RF Out Response Time
3V
Delta between ASK input
transition from Low To High
to RF output transition from
low to high
¾
1
¾ms
CREF Clock Output Frequency
3V
@315MHz
¾
150
¾
Hz
@433.92MHz
¾
207
¾
Hz
Note:
* Depend on PC board layout
** Generally limited by crystal
HT46R01T3/HT48R01T3
8-Bit OTP MCU with RF Transmitter
Rev. 1.30
9
November 23, 2010


Similar Part No. - HT48R01T3

ManufacturerPart No.DatasheetDescription
Holtek Semiconductor Inc
Holtek Semiconductor In...
HT48R01T3 HOLTEK-HT48R01T3 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
More results

Similar Description - HT48R01T3

ManufacturerPart No.DatasheetDescription
Holtek Semiconductor Inc
Holtek Semiconductor In...
4XR01T3V130 HOLTEK-4XR01T3V130 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
HT66F03T3 HOLTEK-HT66F03T3 Datasheet
152Kb / 14P
   8-Bit Flash MCU with RF Transmitter
Core Technology (Shenzhen) Co., Ltd.
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
PADAUK Technology.
PADAUK Technology.
PMS171B PADAUK-PMS171B Datasheet
2Mb / 92P
   8bit OTP MCU with 8-bit ADC
Holtek Semiconductor Inc
Holtek Semiconductor In...
BC48R2020 HOLTEK-BC48R2020 Datasheet
5Mb / 67P
   315/433MHz Remote RF TX 8-Bit OTP MCU
HT82M75REW HOLTEK-HT82M75REW Datasheet
952Kb / 103P
   2.4GHz Transceiver 8-Bit OTP MCU
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
   Small Package 8-Bit OTP MCU
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
   8-Bit Remote Type OTP MCU
HT46R01B-1 HOLTEK-HT46R01B-1 Datasheet
437Kb / 71P
   Small Package 8-Bit OTP MCU
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz