Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HT48R01T3 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part No. HT48R01T3
Description  8-Bit OTP MCU with RF Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01T3 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT48R01T3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R01T3 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz
2.2
¾
3.6
V
fSYS=8MHz
3.3
¾
3.6
V
AVDD
RF Transmitter Power Supply
¾¾
2.0
¾
3.6
V
IDD1
Operating current
(Crystal OSC, RC OSC)
3V
No load, fSYS=4MHz,
ADC disable
¾
12
mA
IDD2
Operating Current (internal
RC+RTC OSC, Normal Mode)
3V
No load, fSYS=4MHz,
ADC disable
¾
12
mA
ISTB1
Standby Current
(WDT OSC on, RTC off)
3V
No load, system HALT
¾¾
5
mA
ISTB2
Standby Current
(WDT OSC off, RTC off)
3V
No load, system HALT
¾¾
1
mA
ISTB3
Standby Current
(WDT OSC off, RTC on)
3V
No load, system HALT,
RTC osc slowly start-up
¾¾
5
mA
VIL1
Input Low Voltage for PA, PB,
TMR0, TMR1, INT
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for PA, PB,
TMR0, TMR1, INT
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR1
Low Voltage Reset 1
¾ Configuration option=2.1V
1.98
2.10
2.22
V
VLVR2
Low Voltage Reset 2
¾ Configuration option=3.15V 2.98
3.15
3.32
V
IOL
I/O Port Sink Current for PA, PB
3V
VOL=0.1VDD
48
¾
mA
IOH
I/O Port Source Current for PA, PB
3V
VOH=0.9VDD
-2
-4
¾
mA
RPH
Pull-high Resistance for I/O
3V
¾
20
60
100
k
W
HT46R01T3/HT48R01T3
8-Bit OTP MCU with RF Transmitter
Rev. 1.30
7
November 23, 2010


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn