Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CUDD8-04 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CUDD8-04
Description  SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 8 AMPS, 200 THRU 800 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CUDD8-04 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CUDD8-04 Datasheet HTML 1Page - Central Semiconductor Corp CUDD8-04 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CUDD8-02
CUDD8-04
CUDD8-08
SURFACE MOUNT
ULTRA FAST RECOVERY
SILICON RECTIFIER
8 AMPS, 200 THRU 800 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CUDD8-02
Series types are Silicon Ultra-Fast Recovery Rectifiers
designed for surface mount ultra fast switching
applications requiring a low forward voltage drop.
To order devices on 24mm Tape and Reel (800/13”
Reel), add TR13 suffix to part number.
MARKING CODE: FULL PART NUMBER
FEATURES:
• High Reliability
• Low Forward Voltage
• High Current Capability
• High Surge Capacity
• UL Flammability Classification 94V-O
• Superior Lot To Lot Consistency
• Ultra Fast Recovery Time
• High Voltage
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
CUDD8-02
CUDD8-04
CUDD8-08
UNITS
Peak Repetitive Reverse Voltage
VRRM
200
400
800
V
DC Blocking Voltage
VR
200
400
800
V
RMS Reverse Voltage
VR(RMS)
140
280
560
V
Average Forward Current (TC=100°C)
IO
8.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
125
A
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
°C
Typical Thermal Resistance
ΘJC
3.0
°C/W
Typical Thermal Resistance
ΘJA
50
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
CUDD8-02
CUDD8-04
CUDD8-08
SYMBOL
TEST CONDITIONS
TYP
MAX
TYP
MAX
TYP
MAX
UNITS
IR
VR=Rated VRRM
-
5.0
-
10
-
10
µA
IR
VR=Rated VRRM, TC= 150°C
-
250
-
500
-
500
µA
VF
IF=8.0A
-
0.975
-
1.3
-
1.5
V
VF
IF=8.0A, TC= 150°C
-
0.895
-
1.1
-
1.2
V
trr
IF=0.5A, IR=1.0A, Irr=0.25A
-
25
-
25
-
50
ns
CJ
VR=4.0V, f=1.0MHz
80
-
80
-
50
-
pF
D2PAK CASE
R4 (19-February 2010)
www.centra lsemi.com


Similar Part No. - CUDD8-04

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CUDD8-04 CENTRAL-CUDD8-04 Datasheet
56Kb / 2P
   ULTRA FAST RECOVERY RECTIFIERS SINGLE, 8.0 AMP, 200 THRU 800 VOLTS
CUDD8-04 CENTRAL-CUDD8-04 Datasheet
546Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER
More results

Similar Description - CUDD8-04

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMMR1U CENTRAL-CMMR1U Datasheet
281Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 1 AMP, 200 THRU 800 VOLTS
CUD10-02 CENTRAL-CUD10-02_10 Datasheet
359Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 10 AMPS, 200 THRU 600 VOLTS
CMR5U-02 CENTRAL-CMR5U-02 Datasheet
97Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER 5.0 AMP, 200 THRU 800 VOLTS
CMMR1F-02 CENTRAL-CMMR1F-02_12 Datasheet
284Kb / 2P
   SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER 1 AMP, 200 THRU 800 VOLTS
CUD10-02 CENTRAL-CUD10-02 Datasheet
95Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER SINGLE, 10 AMPS, 200 THRU 600 VOLTS
CUD3-02 CENTRAL-CUD3-02_10 Datasheet
423Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 4 AMPS, 200 VOLTS
CMR1U-02FL CENTRAL-CMR1U-02FL Datasheet
500Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 1 AMP, 200 THRU 600 VOLTS
logo
Solid States Devices, I...
SDR1304 SSDI-SDR1304_84 Datasheet
184Kb / 2P
   3AMP 200-800 VOLTS ULTRA FAST RECOVERY RECTIFIER
logo
Central Semiconductor C...
CR70U-010 CENTRAL-CR70U-010 Datasheet
335Kb / 2P
   70 AMP ULTRA FAST RECOVERY SILICON RECTIFIER 100 THRU 800 VOLTS
CMR1F-02M CENTRAL-CMR1F-02M_10 Datasheet
284Kb / 2P
   SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com