Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTLT953-M833 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CTLT953-M833
Description  SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CTLT953-M833 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CTLT953-M833 Datasheet HTML 1Page - Central Semiconductor Corp CTLT953-M833 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CTLT953-M833
SURFACE MOUNT
HIGH CURRENT
PNP SILICON TRANSISTOR
TLM833 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Emitter
5) Collector
2) Emitter
6) Collector
3) Base
7) Collector
4) N.C.
8) Collector
MARKING CODE: CHA4
REQUIRED MOUNTING PADS
(Dimensions in mm)
Failure to use this mouning pad layout may
result in damage to device.
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
hFE
VCE=1.0V, IC=10mA
100
hFE
VCE=1.0V, IC=1.0A
100
200
300
hFE
VCE=1.0V, IC=3.0A
50
70
hFE
VCE=1.0V, IC=4.0A
30
45
hFE
VCE=1.0V, IC=10A
15
fT
VCE=10V, IC=100mA, f=50MHz
150
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
45
pF
www.centr a lsemi.com
R1 (17-February 2010)


Similar Part No. - CTLT953-M833

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLT953-M833S CENTRAL-CTLT953-M833S Datasheet
723Kb / 4P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
R0 8-August 2012
CTLT953-M833S-BK CENTRAL-CTLT953-M833S-BK Datasheet
723Kb / 4P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
R0 8-August 2012
CTLT953-M833S-TR CENTRAL-CTLT953-M833S-TR Datasheet
723Kb / 4P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
R0 8-August 2012
CTLT953-M833 CENTRAL-CTLT953-M833_15 Datasheet
602Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
More results

Similar Description - CTLT953-M833

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSL35TT1 ONSEMI-NSL35TT1 Datasheet
208Kb / 7P
   High Current Surface Mount PNP Silicon Mount PNP Silicon Transistor
August, 2006 ??Rev. 3
logo
Central Semiconductor C...
CZT751 CENTRAL-CZT751_10 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT751 CENTRAL-CZT751_15 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT955 CENTRAL-CZT955_15 Datasheet
979Kb / 3P
   SURFACE MOUNT SILICON HIGH CURRENT PNP TRANSISTOR
CZT751 CENTRAL-CZT751 Datasheet
73Kb / 2P
   SURFACE MOUNT PNP HIGH CURRENT SILICON TRANSISTOR
CTLT953-M833S CENTRAL-CTLT953-M833S Datasheet
723Kb / 4P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
R0 8-August 2012
CXT953 CENTRAL-CXT953 Datasheet
89Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON PNP TRANSISTOR
CZT953 CENTRAL-CZT953 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON PNP TRANSISTOR
CZT953 CENTRAL-CZT953_10 Datasheet
535Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CXT953 CENTRAL-CXT953_10 Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com