Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC821031 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC821031
Description  Image-Processing IC for Facsimile, Copier, and OCR Products
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC821031 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC821031 Datasheet HTML 1Page - Sanyo Semicon Device LC821031 Datasheet HTML 2Page - Sanyo Semicon Device LC821031 Datasheet HTML 3Page - Sanyo Semicon Device LC821031 Datasheet HTML 4Page - Sanyo Semicon Device LC821031 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
No. 5735-4/5
LC821031
Continued from preceding page.
I: Input pin, O: Output pin, B: Bidirectional pin, P: Power supply pin, NC: Not Connected
Pin No.
Symbol
I/O
Function
39
AIN
I
Sensor signal input
40
TEMP
I
Temperature signal input
41
ATAPH
O
Analog middle level for the A/D converter high reference
42
DAHRH
I
High reference for the D/A converter used for the A/D converter high reference.
43
AVDD
P
Analog system power supply
44
DALRH
I
High reference for the D/A converter used for the A/D converter low reference.
45
ATAPL
O
Analog middle level for the A/D converter low reference
46
AGND
P
Analog system ground
47
PD7/SD
O
DMA output/serial data output
48
PD6/SDCK
O
DMA output/serial data transfer clock
49
DGND
P
Digital system ground
50
PD5/SDE
O
DMA output/serial data output valid period signal
51
PD4/PP4
B
52
PD3/PP3
B
DMA output/general-purpose I/O ports
53
PD2/PP2
B
54
PD1/PP1
B
55
PD0/PP0
B
56
DVDD
P
Digital system power supply
57
DACK/PP5
B
DMA data acknowledge signal input pin/general-purpose I/O port
58
DREQ/PP6
B
DMA data request signal output/general-purpose I/O port
59
MTP/PP7
B
Motor drive timing signal output/general-purpose I/O port
60
CLK2
O
61
CLK1
O
Sensor drive signal outputs
62
RS
O
63
SH
O
64
DGND
P
Digital system ground
Note: Unused input pins must not be left open. These pins must be connected either to the digital system power supply or to the digital system ground.


Similar Part No. - LC821031

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC82103 SANYO-LC82103 Datasheet
74Kb / 5P
   Image-Processing LSI for Facsimile, Copier, and OCR Applications
More results

Similar Description - LC821031

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC82103 SANYO-LC82103 Datasheet
74Kb / 5P
   Image-Processing LSI for Facsimile, Copier, and OCR Applications
LC82102 SANYO-LC82102 Datasheet
75Kb / 5P
   Image-Processing LSI for Fax, Copier and OCR Products
LC82101 SANYO-LC82101 Datasheet
76Kb / 5P
   Image Processing Circuit for FAX, Copier, and OCR Products
LC8211 SANYO-LC8211 Datasheet
142Kb / 7P
   Halftone Processing IC for Fax, Copier and Scanner
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
logo
Sanyo Semicon Device
LC82104 SANYO-LC82104 Datasheet
57Kb / 6P
   Color Image Processing IC for Fax and Scanner Applications
logo
Mitsubishi Electric Sem...
M66333FP MITSUBISHI-M66333FP Datasheet
1Mb / 51P
   FACSIMILE IMAGE DATA PROCESSOR
logo
Renesas Technology Corp
M66335FP RENESAS-M66335FP Datasheet
577Kb / 59P
   Facsimile Image Data Processor
logo
Mitsubishi Electric Sem...
M66335FP MITSUBISHI-M66335FP Datasheet
656Kb / 57P
   FACSIMILE IMAGE DATA PROCESSOR
M66332FP MITSUBISHI-M66332FP Datasheet
336Kb / 43P
   FACSIMILE IMAGE DATA PROCESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com