Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS10901 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBS10901
Description  108.6MHz SAW Filter 2MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS10901 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBS10901 Datasheet HTML 1Page - SIPAT Co,Ltd LBS10901 Datasheet HTML 2Page - SIPAT Co,Ltd LBS10901 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS10901
Rev. Date
2008-07-18
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 2/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
108.6MHz SAW Filter
2MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBS10901
Matching Configuration
L1=L2=120nH
C1=82pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
Package Dimension
Package: DIP3512
Unit: mm
Pad Configuration:
Input
1
Output
5
Ground All Others
Marking Configuration:
1) SIPAT: Manufacturer Name
2) LBS10901: Part Number
3) XXYY: Date(Year/month)
4) ZZ: Identified Code
35.00 0.5
0.45 0.05
25.40 0.2
2.54 0.2
2.54 0.2
SIPAT
LBS10901
XXYYZZ
C1
INPUT
OUTPUT
50Ω
50Ω
L1
L2


Similar Part No. - LBS10901

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS10901 SIPAT-LBS10901 Datasheet
146Kb / 3P
   108.6MHz SAW Filter 2MHz Bandwidth
More results

Similar Description - LBS10901

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS10901 SIPAT-LBS10901 Datasheet
146Kb / 3P
   108.6MHz SAW Filter 2MHz Bandwidth
LBS07603 SIPAT-LBS07603 Datasheet
143Kb / 3P
   76MHz SAW Filter 2MHz Bandwidth
LBS20402 SIPAT-LBS20402 Datasheet
287Kb / 3P
   204MHz SAW Filter 2MHz Bandwidth
LBT08035 SIPAT-LBT08035 Datasheet
151Kb / 3P
   80MHz SAW Filter 2MHz Bandwidth
LBT45802 SIPAT-LBT45802 Datasheet
262Kb / 3P
   458MHz SAW Filter 2MHz Bandwidth
LBT41302 SIPAT-LBT41302 Datasheet
195Kb / 3P
   414.5MHz SAW Filter 2MHz Bandwidth
LBS09032 SIPAT-LBS09032 Datasheet
138Kb / 3P
   90.3MHz SAW Filter 2MHz Bandwidth
LBS06607 SIPAT-LBS06607 Datasheet
149Kb / 3P
   66.1MHz SAW Filter 2MHz Bandwidth
LBS14052 SIPAT-LBS14052 Datasheet
142Kb / 3P
   140MHz SAW Filter 2MHz Bandwidth
LBS12031 SIPAT-LBS12031 Datasheet
145Kb / 3P
   120MHz SAW Filter 2MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com