Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS140A54 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS140A54
Description  140MHz SAW Filter 3MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS140A54 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS140A54 Datasheet HTML 1Page - SIPAT Co,Ltd LBS140A54 Datasheet HTML 2Page - SIPAT Co,Ltd LBS140A54 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBS140A54
Rev. Date
2010-07-21
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
2.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
140MHz SAW Filter
3MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBS140A54
Features
For IF SAW filter
High attenuation
Single-ended operation
Dual In-line Package
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
139.85
140
140.15
Insertion Loss
dB
-
23
27
1.5 dB Bandwidth
MHz
2.6
2.66
-
3 dB Bandwidth
MHz
-
2.78
-
23 dB Bandwidth
MHz
-
3.34
3.4
32 dB Bandwidth
MHz
-
3.45
3.78
40 dB Bandwidth
MHz
-
3.51
4.58
Group Delay Variation(f0±1.3MHz)
nsec
-
150
-
Passband Variation
dB
-
0.6
1.5
Absolute Delay
usec
-
2.94
2.95
Ultimate Rejection(f0±3MHz)
dB
40
51
-
Material Temperature coefficient
KHz/°C
0.14
Substrate Material
-
Qz
Ambient Temperature
°C
25
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1C
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBS140A54

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS140A54 SIPAT-LBS140A54 Datasheet
140Kb / 3P
   140MHz SAW Filter 3MHz Bandwidth
More results

Similar Description - LBS140A54

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14024 SIPAT-LBS14024 Datasheet
147Kb / 3P
   140MHz SAW Filter 3MHz Bandwidth
LBS14024 SIPAT-LBS14024 Datasheet
141Kb / 3P
   140MHz SAW Filter 3MHz Bandwidth
LBS140A45 SIPAT-LBS140A45 Datasheet
147Kb / 3P
   140MHz SAW Filter 3MHz Bandwidth
LBS140A54 SIPAT-LBS140A54 Datasheet
140Kb / 3P
   140MHz SAW Filter 3MHz Bandwidth
LBS140A45 SIPAT-LBS140A45 Datasheet
147Kb / 3P
   140MHz SAW Filter 3MHz Bandwidth
LB140DS34 SIPAT-LB140DS34 Datasheet
151Kb / 3P
   140MHz SAW Filter 3MHz Bandwidth
LB140DS35 SIPAT-LB140DS35 Datasheet
151Kb / 3P
   140MHz SAW Filter 3MHz Bandwidth
LBS14099 SIPAT-LBS14099 Datasheet
145Kb / 4P
   140MHz IF SAW Filter 3MHz Bandwidth
LBS14099 SIPAT-LBS14099 Datasheet
140Kb / 4P
   140MHz IF SAW Filter 3MHz Bandwidth
LBS08030 SIPAT-LBS08030 Datasheet
148Kb / 3P
   80MHz SAW Filter 3MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com