Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTLSH1-40M322 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CTLSH1-40M322
Description  SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CTLSH1-40M322 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CTLSH1-40M322_10 Datasheet HTML 1Page - Central Semiconductor Corp CTLSH1-40M322_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CTLSH1-40M322
SURFACE MOUNT
HIGH CURRENT, LOW VF
SILICON SCHOTTKY RECTIFIER
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CTLSH1-40M322
is a low VF Schottky rectifier designed for applications
where small size and operational efficiency are prime
requirements. With a maximum power dissipation of
1.45W, and a very small package footprint
(approximately equal to the SOT-363), this Tiny
Leadless Module (TLM) is capable of dissipating up to
4 times the power of similar devices in a comparable
surface mount package.
MARKING CODE: CBA
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
Continuous Forward Current
IF
1.0
A
Peak Repetitive Forward Current, tp<1.0ms
IFRM
3.5
A
Peak Forward Surge Current, tp=8.0ms
IFSM
10
A
Power Dissipation (Note 1)
PD
1.45
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance (Note 1)
ΘJA
86.2
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=5.0V
10
μA
IR
VR=8.0V
20
μA
IR
VR=15V
50
μA
IR
VR=40V
0.2
mA
IR
VR=40V, TA=100°C
20
mA
BVR
IR=100μA
40
V
VF
IF=10mA
0.29
V
VF
IF=100mA
0.36
V
VF
IF=500mA
0.45
V
VF
IF=1.0A
0.55
V
CJ
VR=4.0V, f=1.0MHz
50
pF
trr
IF=IR=500mA, Irr=50mA, RL=50Ω
15
ns
Notes: (1) FR-4 Epoxy PC Board with copper mounting pad area of 21mm2.
FEATURES:
• High Current (IF=1.0A)
• Low Forward Voltage Drop (VF=0.55V MAX @ 1.0A)
• High Thermal Efficiency
APPLICATIONS:
• DC/DC Converters
• Reverse Battery Protection
• Battery powered devices including Cell Phones,
PDAs, Digital Cameras, MP3 Players, etc.
TLM322 CASE
R4 (19-February 2010)
www.centra lsemi.com
• Device is Halogen Free by design


Similar Part No. - CTLSH1-40M322_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLSH1-40M322 CENTRAL-CTLSH1-40M322_15 Datasheet
443Kb / 2P
   SILICON SCHOTTKY RECTIFIER
More results

Similar Description - CTLSH1-40M322_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLSH1-40M621H CENTRAL-CTLSH1-40M621H Datasheet
441Kb / 2P
   SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY RECTIFIER
CMLSH1-40 CENTRAL-CMLSH1-40_10 Datasheet
514Kb / 2P
   SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY RECTIFIER
CTLSH1-40M563 CENTRAL-CTLSH1-40M563 Datasheet
872Kb / 2P
   SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY RECTIFIER
CTLSH1-40M563 CENTRAL-CTLSH1-40M563_10 Datasheet
700Kb / 2P
   SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY RECTIFIER
CMPSH1-4L CENTRAL-CMPSH1-4L_10 Datasheet
504Kb / 2P
   SURFACE MOUNT HIGH CURRENT ULTRA LOW VF SILICON SCHOTTKY RECTIFIER
CMPSH1-4LE CENTRAL-CMPSH1-4LE_10 Datasheet
505Kb / 2P
   SURFACE MOUNT HIGH CURRENT LOW VF, LOW LEAKAGE SILICON SCHOTTKY RECTIFIER
CMPSH1-4L CENTRAL-CMPSH1-4L Datasheet
221Kb / 2P
   SURFACE MOUNT SILICON HIGH CURRENT ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
CMPSH1-4LE CENTRAL-CMPSH1-4LE Datasheet
215Kb / 2P
   SURFACE MOUNT SILICON HIGH CURRENT LOW VF, LOW LEAKAGE SCHOTTKY BARRIER RECTIFIER
CTLSH15-30M364 CENTRAL-CTLSH15-30M364 Datasheet
1Mb / 3P
   SURFACE MOUNT SILICON LOW VF SCHOTTKY RECTIFIER
CTLSH8-60M364 CENTRAL-CTLSH8-60M364 Datasheet
639Kb / 2P
   SURFACE MOUNT LOW VF SILICON SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com