Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTLDM8002A-M621 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CTLDM8002A-M621
Description  SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CTLDM8002A-M621 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CTLDM8002A-M621 Datasheet HTML 1Page - Central Semiconductor Corp CTLDM8002A-M621 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CTLDM8002A-M621
SURFACE MOUNT
P-CHANNEL
ENHANCEMENT-MODE
SILICON MOSFET
DESCRIPTION:
The CENTRAL SEMICONDUCTOR
CTLDM8002A-M621 is a Silicon P-Channel
Enhancement-mode MOSFET in a small, thermally
efficient, TLM™ 2x1mm package.
MARKING CODE: CN
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
50
V
Drain-Gate Voltage
VDG
50
V
Gate-Source Voltage
VGS
20
V
Continuous Drain Current
ID
280
mA
Continuous Source Current (Body Diode)
IS
280
mA
Maximum Pulsed Drain Current
IDM
1.5
A
Maximum Pulsed Source Current
ISM
1.5
A
Power Dissipation (Note 1)
PD
0.9
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance (Note 1)
ΘJA
139
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IGSSF, IGSSR
VGS=20V, VDS=0
100
nA
IDSS
VDS=50V, VGS=0
1.0
μA
IDSS
VDS=50V, VGS=0, TJ=125°C
500
μA
ID(ON)
VGS=10V, VDS=10V
500
mA
BVDSS
VGS=0, ID=10μA
50
V
VGS(th)
VDS=VGS, ID=250μA
1.0
2.5
V
VDS(ON)
VGS=10V, ID=500mA
1.5
V
VDS(ON)
VGS=5.0V, ID=50mA
0.15
V
VSD
VGS=0, IS=115mA
1.3
V
rDS(ON)
VGS=10V, ID=500mA
2.5
Ω
rDS(ON)
VGS=10V, ID=500mA, TJ=125°C
4.0
Ω
rDS(ON)
VGS=5.0V, ID=50mA
3.0
Ω
rDS(ON)
VGS=5.0V, ID=50mA, TJ=125°C
5.0
Ω
gFS
VDS=10V, ID=200mA
200
mS
APPLICATIONS:
• Load/Power Switches
• Power Supply Converter Circuits
• Battery Powered Portable Equipment
FEATURES:
• Low rDS(on)
• Low VDS(on)
• Low Threshold Voltage
• Fast Switching
• Logic Level Compatible
• Small TLM™ 2x1mm Package
Notes: (1) FR-4 Epoxy PCB with copper mounting pad area of 33mm2.
TLM621 CASE
R1 (17-February 2010)
www.centr a lsemi.com


Similar Part No. - CTLDM8002A-M621

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLDM8002A-M621H CENTRAL-CTLDM8002A-M621H Datasheet
172Kb / 2P
   SURFACE MOUNT TLM P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM8002A-M621H CENTRAL-CTLDM8002A-M621H_10 Datasheet
427Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM8002A-M621H CENTRAL-CTLDM8002A-M621H_15 Datasheet
916Kb / 4P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CTLDM8002A-M621 CENTRAL-CTLDM8002A-M621_15 Datasheet
1Mb / 4P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
More results

Similar Description - CTLDM8002A-M621

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM8120TG CENTRAL-CMLDM8120TG_15 Datasheet
530Kb / 3P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CEDM8004 CENTRAL-CEDM8004_12 Datasheet
457Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CXDM4060P CENTRAL-CXDM4060P_15 Datasheet
854Kb / 3P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CEDM8004VL CENTRAL-CEDM8004VL Datasheet
956Kb / 4P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CMPDM302PH CENTRAL-CMPDM302PH Datasheet
349Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMUDM8005 CENTRAL-CMUDM8005_13 Datasheet
837Kb / 3P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM8120 CENTRAL-CMLDM8120_15 Datasheet
532Kb / 3P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CMPDM202PH CENTRAL-CMPDM202PH_15 Datasheet
353Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM7590 CENTRAL-CTLDM7590_15 Datasheet
1Mb / 3P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM8002A-M621 CENTRAL-CTLDM8002A-M621_15 Datasheet
1Mb / 4P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CWDM305P CENTRAL-CWDM305P_15 Datasheet
652Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com