Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC7972 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC7972
Description  CMOS Operational Amplifier with Programmable Offset Correction Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7972 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC7972 Datasheet HTML 1Page - Sanyo Semicon Device LC7972 Datasheet HTML 2Page - Sanyo Semicon Device LC7972 Datasheet HTML 3Page - Sanyo Semicon Device LC7972 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Overview
The
LC7972VA
and
LC7972VB
are
dual
inverting/noninverting operational amplifier ICs that are
fabricated in a CMOS process. These ICs provide a
programmable offset correction function and a power
saving function for use when the operational amplifier is
unused, both of which can be controlled from a
microprocessor interface.
Features
• High input impedance provided by fabrication in a
CMOS process.
• Low power provided by fabrication in a CMOS process.
• One of two types of operational amplifier can be
selected: inverting (operational amplifier 1) or
noninverting (operational amplifier 2)
• Operating supply voltage: 4.9 to 5.2 V
• Package: SSOP20
• Operating temperature: Ta = –30 to +70°C
• The following modes are supported. These are selected
via port level settings.
Package Dimensions
unit: mm
3179A-SSOP20
CMOS LSI
Ordering number : EN5682
73097HA(OT) No. 5682-1/4
SANYO: SSOP20
[LC7972VA, VB]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
CMOS Operational Amplifier with Programmable
Offset Correction Function
LC7972VA, 7972VB
Port
Level
Function
OP1ON
L
Operational amplifier 1: Operation stopped (low-power mode)
H
Operational amplifier 1: Normal operation (OP2ON must be low in this mode.)
OP2ON
L
Operational amplifier 2: Operation stopped (low-power mode)
H
Operational amplifier 2: Normal operation (OP1ON must be low in this mode.)
OFST1
L
Operational amplifier 1: Offset mode (inverting input = VSS)
H
Operational amplifier 1: Operating mode (inverting input = normal input)
OFST2
L
Operational amplifier 2: Offset mode (noninverting input = VSS)
H
Operational amplifier 2: Operating mode (noninverting input = normal input)
CLKC
L
Operational amplifier power supply clock: Internal clock
This catalog provides information as of July, 1997. Specifications and information herein are subject to change
without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
ΠAccept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.


Similar Part No. - LC7972

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC790Z SEOUL-LC790Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LC791 SEOUL-LC791 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC791 SEOUL-LC791 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC791 SEOUL-LC791 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC791 SEOUL-LC791 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LC7972

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-TW4 ICHAUS-IC-TW4 Datasheet
304Kb / 14P
   PROGRAMMABLE INTERPOLATOR WITH AUTOMATIC OFFSET CORRECTION
logo
Seiko Instruments Inc
S-19611AB0H-K8T2U SII-S-19611AB0H-K8T2U Datasheet
1Mb / 20P
   LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
logo
Rohm
LMR1802G-LB ROHM-LMR1802G-LB Datasheet
1Mb / 23P
   Low Noise, Low Input Offset Voltage CMOS Operational Amplifier
logo
STMicroelectronics
TS271 STMICROELECTRONICS-TS271 Datasheet
163Kb / 15P
   CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
TS271 STMICROELECTRONICS-TS271_05 Datasheet
607Kb / 17P
   CMOS Programmable Low Power Single Operational Amplifier
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
   Dual Low Offset Operational Amplifier
logo
Analog Devices
OP07 AD-OP07_15 Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
logo
List of Unclassifed Man...
AMP771 ETC2-AMP771 Datasheet
65Kb / 2P
   Low Offset RRO Operational Amplifier
logo
Guangdong Youtai Semico...
OP07 UMW-OP07 Datasheet
697Kb / 5P
   Low offset single operational amplifier
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com