Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN11558 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN11558
Description  115MHz SAW Filter 9MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN11558 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN11558 Datasheet HTML 1Page - SIPAT Co,Ltd LBN11558 Datasheet HTML 2Page - SIPAT Co,Ltd LBN11558 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBN11558
Rev. Date
2010-07-06
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
115MHz SAW Filter
9MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN11558
Typical Performance
Frequency Response
Passband Response
90
95
100
105
110
115
120
125
130
135
140
-112.0333
-102.0333
-92.0333
-82.0333
-72.0333
-62.0333
-52.0333
-42.0333
-32.0333
-22.0333
-12.0333
Type Performance
Frequency(MHz)
105
110
115
120
125
-24.0333
-23.5333
-23.0333
-22.5333
-22.0333
-21.5333
-21.0333
-20.5333
Type Performance
Frequency(MHz)
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±4.5MHz)
Phase Linearity(f0±4.5MHz)
105
110
115
120
125
2000
2200
2400
2600
2800
3000
3200
3400
3600
X: 115
Y: 2833
Type Performance
Frequency(MHz)
X: 119.5
Y: 2814
X: 110.5
Y: 2772
105
110
115
120
125
-50
-40
-30
-20
-10
0
10
20
30
40
X: 119.5
Y: 6.958
Type Performance
Frequency(MHz)
X: 110.5
Y: -1.14
X: 115
Y: -3.365
Horizontal: 5MHz/Div
Vertical: 200ns/Div
Horizontal: 5MHz/Div
Vertical: 10deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBN11558

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11558 SIPAT-LBN11558 Datasheet
186Kb / 3P
   115MHz SAW Filter 9MHz Bandwidth
More results

Similar Description - LBN11558

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11566 SIPAT-LBN11566 Datasheet
193Kb / 3P
   115MHz SAW Filter 9MHz Bandwidth
LBT11567 SIPAT-LBT11567 Datasheet
150Kb / 3P
   115MHz SAW Filter 9MHz Bandwidth
LBN11558 SIPAT-LBN11558 Datasheet
186Kb / 3P
   115MHz SAW Filter 9MHz Bandwidth
LBT11567 SIPAT-LBT11567 Datasheet
150Kb / 3P
   115MHz SAW Filter 9MHz Bandwidth
LBT11568 SIPAT-LBT11568 Datasheet
152Kb / 3P
   115MHz SAW Filter 9MHz Bandwidth
LBN11557 SIPAT-LBN11557 Datasheet
193Kb / 3P
   115MHz SAW Filter 9MHz Bandwidth
LBN11502 SIPAT-LBN11502 Datasheet
137Kb / 3P
   115MHz SAW Filter 9MHz Bandwidth
LBN11502 SIPAT-LBN11502 Datasheet
143Kb / 3P
   115MHz SAW Filter 9MHz Bandwidth
LBN11565 SIPAT-LBN11565 Datasheet
445Kb / 3P
   115MHz SAW Filter 9MHz Bandwidth
LBN11566 SIPAT-LBN11566 Datasheet
193Kb / 3P
   115MHz SAW Filter 9MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com