Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYONS2100 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYONS2100
Description  OvationONS??II Wired Laser Navigation System-on-Chip
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYONS2100 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CYONS2100 Datasheet HTML 2Page - Cypress Semiconductor CYONS2100 Datasheet HTML 3Page - Cypress Semiconductor CYONS2100 Datasheet HTML 4Page - Cypress Semiconductor CYONS2100 Datasheet HTML 5Page - Cypress Semiconductor CYONS2100 Datasheet HTML 6Page - Cypress Semiconductor CYONS2100 Datasheet HTML 7Page - Cypress Semiconductor CYONS2100 Datasheet HTML 8Page - Cypress Semiconductor CYONS2100 Datasheet HTML 9Page - Cypress Semiconductor CYONS2100 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
CYONS2000
Document Number: 001-44044 Rev. *G
Page 6 of 36
Figure 3. Pin Diagram
37
P0[3]
I/O
I
GPIO port 0 pin 3
38
P0[5]
I/O
I
GPIO port 0 pin 5
39
P0[7]
I/O
I
GPIO port 0 pin 7
40
D-
I/O
USB data
41
D+
I/O
USB data
42
VDD5V
Power
Power
5-V power
CP
DVSS
Power
Power
Center pad (CP) must be connected to digital ground
Legend: I=Input; O=Output; H=5 mA High Output Drive, R=Regulated Output, OCD = On-Chip-Debug
Table 1. CYONS2000 Pin Description (continued)
Pin
Name
Digital
Analog
Description
Note
1. These are the in-system serial programming (ISSP) pins. Unlike other GPIOs, they are not high impedance at power on reset (POR). See the Technical Reference
Manual (TRM) or in the PSoC Designer development software for more details.
CYONS2000
QFN
(Top View)
31
30
29
28
27
26
25
XRES
23
24
1
2
3
4
5
6
7
8
9
DVSS
DNU
DVSS
DVDD
VREGD
AVDD
VREGA
AI, P2[7]
AI, OCDO, P3[1]
OCDE
AVSS
AI, P2[1]
AI, P2[0]
AI, EXT CLK, P1[4]
AI, P2[4]
DVSS
AI, P2[6]
32
AI, P0[0]
33
AI, P0[2]
34
AI, P0[4]
[+] Feedback


Similar Part No. - CYONS2100

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYONS2100 CYPRESS-CYONS2100 Datasheet
1Mb / 36P
   OvationONS??II Wired Gaming Laser Navigation System-on-Chip
CYONS2100-LBXC CYPRESS-CYONS2100-LBXC Datasheet
1Mb / 36P
   OvationONS??II Wired Gaming Laser Navigation System-on-Chip
More results

Similar Description - CYONS2100

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYONS2100 CYPRESS-CYONS2100 Datasheet
1Mb / 36P
   OvationONS??II Wired Gaming Laser Navigation System-on-Chip
CYONS2110 CYPRESS-CYONS2110 Datasheet
1Mb / 36P
   OvationONS??II Wired/Wireless Laser Navigation System-on-Chip
CYONS2001 CYPRESS-CYONS2001 Datasheet
1Mb / 35P
   OvationONS??II Wireless Laser Navigation System-on-Chip
CYONS1001X CYPRESS-CYONS1001X_09 Datasheet
1Mb / 24P
   OvationONS Laser Navigation Sensors
CYONS1001X CYPRESS-CYONS1001X Datasheet
1Mb / 24P
   OvationONS??Laser Navigation Sensors
CYONS1001L CYPRESS-CYONS1001L Datasheet
267Kb / 9P
   OvationONS??1L - Laser Navigation Sensor
logo
Broadcom Corporation.
BCM4760 BOARDCOM-BCM4760 Datasheet
532Kb / 2P
   PERSONAL NAVIGATION SYSTEM-ON-CHIP
logo
STMicroelectronics
STA2059 STMICROELECTRONICS-STA2059 Datasheet
73Kb / 4P
   IN VEHICLE NAVIGATION/TELEMATICS SYSTEM ON CHIP
logo
Texas Instruments
TCI6630K2L TI1-TCI6630K2L Datasheet
1Mb / 298P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip
66AK2G02 TI1-66AK2G02 Datasheet
2Mb / 240P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com